전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

740EA103B 데이터시트(PDF) 2 Page - Glenair, Inc.

부품명 740EA103B
상세설명  Connector to Connector Pre-Terminated Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GLENAIR [Glenair, Inc.]
홈페이지  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

740EA103B 데이터시트(HTML) 2 Page - Glenair, Inc.

  740EA103B Datasheet HTML 1Page - Glenair, Inc. 740EA103B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-7
E-Mail: sales@glenair.com
www.glenair.com
TABLE I
DASH
CONDUIT
MIL-C-28840/4
A
NO.
I.D.
SIZE REF.
DIA
12
.375
(9.5)
03
.625 (15.9)
16
.500 (12.7)
04
.750 (19.1)
20
.625 (15.9)
05
.875 (22.2)
24
.750 (19.1)
06
1.000 (25.4)
32
1.000 (25.4)
08
1.375 (34.9)
40
1.250 (31.8)
10
1.625 (41.3)
48
1.500 (38.1)
12
1.875 (47.6)
64
2.000 (50.8)
16
2.375 (60.3)
Metric dimensions (mm) are indicated in parentheses.
* Length tolerance is ± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is ± one percent (1%) of the length.
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
LENGTH *
M28840/4 AC OR BC
CONDUIT
M28840/22
BUSHING
1.50
(44.5)
A DIA
Product Series
750 = Series 75
Neoprene Jacket
N = With Neoprene Jacket
X = Without Neoprene Jacket
Conduit Type
750 N A 106 M 24-36
Length in inches *
Dash No. (Table I)
Finish (Table II)
End Fitting Material
106 = Aluminum
107 = Brass
108 = Stainless Steel
USE WITH
ADAPTERS
M28840/5
M28840/25
M28840/27
M28840/30
750-102 750-103 and 750-115
Pre-Terminated Assemblies for
M28840/5, /25, /27 & /30 Adapters
Series 72 & 74 Tubing & Series 75 Conduit


유사한 부품 번호 - 740EA103B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
740 ETC2-740 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
740 ETC2-740 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Pentair plc. All rights...
740 PENTAIR-740 Datasheet
702Kb / 2P
   CONTROL B횁SICO Y ECON횙MICO DEL RELOJ FECHADOR ELECTR횙NICO
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
List of Unclassifed Man...
740-0.032768-XXXXX ETC2-740-0.032768-XXXXX Datasheet
101Kb / 1P
   SMD TUNING FORK
More results

유사한 설명 - 740EA103B

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
750-110 GLENAIR-750-110 Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
750-106 GLENAIR-750-106 Datasheet
63Kb / 1P
   Pre-Terminated Assemblies
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
logo
Belden Inc.
MIPP BELDEN-MIPP Datasheet
825Kb / 4P
   MIPP Pre-Terminated MPO Cassette
logo
Glenair, Inc.
257-163 GLENAIR-257-163 Datasheet
67Kb / 2P
   Connector Receptacle Assemblies
220-09E10 GLENAIR-220-09E10 Datasheet
427Kb / 1P
   Plug Connector Assemblies
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
   Connector Receptacle Assemblies
220-03H10 GLENAIR-220-03H10 Datasheet
429Kb / 1P
   Bulkhead Connector Receptacle Assemblies
logo
Tyco Electronics
408-4571 MACOM-408-4571 Datasheet
87Kb / 3P
   Backplane Receptacle Connector Assemblies
logo
Glenair, Inc.
220-00E10 GLENAIR-220-00E10 Datasheet
40Kb / 1P
   Bulkhead Connector Receptacle Assemblies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com