전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0102-100 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL0102-100
상세설명  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100 데이터시트(HTML) 4 Page - Texas Instruments

  TPL0102-100 Datasheet HTML 1Page - Texas Instruments TPL0102-100 Datasheet HTML 2Page - Texas Instruments TPL0102-100 Datasheet HTML 3Page - Texas Instruments TPL0102-100 Datasheet HTML 4Page - Texas Instruments TPL0102-100 Datasheet HTML 5Page - Texas Instruments TPL0102-100 Datasheet HTML 6Page - Texas Instruments TPL0102-100 Datasheet HTML 7Page - Texas Instruments TPL0102-100 Datasheet HTML 8Page - Texas Instruments TPL0102-100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPL0102
SLIS134A
– MARCH 2011 – REVISED MARCH 2011
www.ti.com
Table 2. PIN DESCRIPTION TABLE
14 RUC/14 PW
PIN NAME
TYPE
DESCRIPTION
1
HA
I/O
High terminal of Potentiometer A
2
LA
I/O
Low terminal of Potentiometer A
3
WA
I/O
Wiper terminal of Potentiometer A
4
HB
I/O
High terminal of Potentiometer B
5
LB
I/O
Low terminal of Potentiometer B
6
WB
I/O
Wiper terminal of Potentiometer B
7
A2
Input
Address Bit 2
8
VSS
Power
Negative or GND Power Supply Pin
9
SDA
I/O
I2C Data I/O
10
SCL
Input
I2C Clock Input
11
GND
Ground
Ground
12
A1
Input
Address Bit 1
13
A0
Input
Address Bit 0
14
VDD
Power
Positive Power Supply Pin
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPL0102


유사한 부품 번호 - TPL0102-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100QPWREP TI-TPL0102-100QPWREP Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

유사한 설명 - TPL0102-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com