전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55210IRTZ-T7 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL55210IRTZ-T7
상세설명  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL55210IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL55210
7
FN7811.0
March 2, 2011
FIGURE 8. HD2/HD3 vs VOPP
FIGURE 9. IM2 AND IM3 vs OUTPUT SWING
FIGURE 10. HD2 AND HD3 vs GAIN
FIGURE 11. IM2 AND IM3 vs GAIN
FIGURE 12. HD2 AND HD3 vs RLOAD
FIGURE 13. IM2 AND IM3 vs RLOAD
Typical Performance Curves V
S+ = 3.3V, TA ≈ +25°C, unless otherwise noted. (Continued)
-120
-110
-100
-90
-80
-70
-60
20
100
FREQUENCY (MHz)
HD2 3VP-P
HD2 2VP-P
HD2 1VP-P
HD3 3VP-P
HD3 1VP-P
HD3 2VP-P
200
TEST CIRCUIT #1, RL = 200Ω
-120
-110
-100
-90
-80
-70
-60
20
100
200
TEST FREQUENCIES CENTER (MHz)
TEST CIRCUIT #1, RL = 200Ω
IM3 1VP-P
IM3 2VP-P
IM3 3VP-P
IM2 1VP-P
IM2 2VP-P
IM2 3VP-P
-120
-110
-100
-90
-80
-70
20
100
200
FREQUENCY (MHz)
HD2, GAIN = 21dB
HD3,
HD3,
-60
GAIN = 15dB
TEST CIRCUIT #1
GAIN = 21dB
HD2, GAIN = 15dB
HD2,
HD3, GAIN = 27dB
GAIN = 27dB
HD2, GAIN = 21dB
-125
-115
-105
-95
-85
-75
-65
20
100
200
TEST FREQUENCIES CENTER (MHz)
TEST CIRCUIT #1
IM3 GAIN = 15dB
IM3
IM3 GAIN = 27dB
IM2 GAIN = 15dB
IM3 GAIN = 21dB
IM3 GAIN = 27dB
GAIN = 21dB
-120
-110
-100
-90
-80
-70
-60
-50
20
100
200
FREQUENCY (MHz)
HD3, 500Ω
HD3, 200Ω
HD3, 100Ω
HD2, 50Ω
HD3, 50Ω
HD2, 500Ω
HD2, 200Ω
HD2, 100Ω
-120
-110
-100
-90
-80
-70
-60
-50
20
100
200
CENTER FREQUENCY (MHz)
IM3, 500Ω
IM3, 200Ω
IM3, 100Ω
IM2, 500Ω
IM2, 200Ω
IM2, 100Ω
IM2, 50Ω


유사한 부품 번호 - ISL55210IRTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-T7 RENESAS-ISL55210IRTZ-T7 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
More results

유사한 설명 - ISL55210IRTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com