전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD-F404RD 데이터시트(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

부품명 BD-F404RD
상세설명  0.40"(10.16mm) DUAL DIGIT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BRIGHT [BRIGHT LED ELECTRONICS CORP]
홈페이지  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F404RD 데이터시트(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-F404RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F404RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F404RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

  

 
 
 

 
  !
 ""#
$    %
 &'  & ( )
(*  
 (+', -'+. '/
0
12' 
12' 13
2
   #%
$    %
(!
1(4545
 ( -'6 '
0
12' 
12' 13
7 %
(!
1(4545
 (', -'+.-"'/
0
12' 
2
 ""#"
$    %
12' ("
 (+', -'+. '/
0
8

& 
2
$  % & (#
 (+', -'+. '/
0
 32    
 
 ""#
$    )-
# 9  9 " 9 
#  # 
 (3
0
' ':
   
 
 ""#
" 9 #
 
 (3
0
 
    )
  #
$    )
;( !
& (;
0
87

<3
    "
   !
 ""# #
$    )
;( #
& (;
0
$*=8>  8) ? ?)*8 ? 18 8)% @
2 
3<
2 
$2   
?& 72
A?
?( )
7 *B;
7 

A(A
7 *B
 3
A
?( )
%& B;
> ;*  '     ';    7;
; ' < : <& '   '   '7 < 
  <     ' ;


유사한 부품 번호 - BD-F404RD

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD-F404RD ETC-BD-F404RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com