전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N40G-T92-TR 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 1N40G-T92-TR
상세설명  1 Amps, 400 Volts N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40G-T92-TR 데이터시트(HTML) 1 Page - Unisonic Technologies

  1N40G-T92-TR Datasheet HTML 1Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 2Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 3Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-529.a
1 Amps, 400 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 1N40 is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with planar stripe
and DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 1N40 is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* High switching speed
* 1.4A, 400V, RDS(ON)=5.8Ω @ VGS=10V
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N40L-TA3-T
1N40G-TA3-T
TO-220
G
D
S
Tube
1N40L-T92-B
1N40G-T92-B
TO-92
G
D
S
Tape Box
1N40L-T92-K
1N40G-T92-K
TO-92
G
D
S
Bulk
1N40L-T92-TR
1N40G-T92-TR
TO-92
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


유사한 부품 번호 - 1N40G-T92-TR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
1N40G-T92-TR UTC-1N40G-T92-TR Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
More results

유사한 설명 - 1N40G-T92-TR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
6N40 UTC-6N40 Datasheet
169Kb / 6P
   6 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
178Kb / 6P
   2 Amps, 400 Volts N-CHANNEL POWER MOSFET
UF730 UTC-UF730_10 Datasheet
343Kb / 6P
   5.5 Amps, 400 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4 Datasheet
135Kb / 10P
   18 Amps, 400 Volts N-Channel D2PAK
March, 2005 ??Rev. 1
logo
Unisonic Technologies
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
   6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com