전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802105UMG 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SM802105UMG
상세설명  ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802105UMG 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SM802105UMG Datasheet HTML 1Page - Micrel Semiconductor SM802105UMG Datasheet HTML 2Page - Micrel Semiconductor SM802105UMG Datasheet HTML 3Page - Micrel Semiconductor SM802105UMG Datasheet HTML 4Page - Micrel Semiconductor SM802105UMG Datasheet HTML 5Page - Micrel Semiconductor SM802105UMG Datasheet HTML 6Page - Micrel Semiconductor SM802105UMG Datasheet HTML 7Page - Micrel Semiconductor SM802105UMG Datasheet HTML 8Page - Micrel Semiconductor SM802105UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SM802105
April 2011
5
M9999-042111-A
hbwhelp@micrel.com or (408) 955-1690
LVCMOS (PLL_BYPASS, XTAL_SEL, OE1/2, FSEL) DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
−0.3
0.8
V
IIH
Input High Current
VDD = VIN = 3.465V
150
μA
IIL
Input Low Current
VDD = 3.465V, VIN = 0V
−150
μA
REF_IN DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
1.1
VDD + 0.3
V
VIL
Input Low Voltage
−0.3
0.6
V
XTAL_SEL = VIL, VIN = 0V to VDD
−5
5
μA
IIN
Input Current
XTAL_SEL = VIH, VIN = VDD
20
µA
Crystal Characteristics
NDK NX2520SA
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load
Fundamental, Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
3
7
pF
Correlation Drive Level
100
300
uW


유사한 부품 번호 - SM802105UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802105UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com