전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802111 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SM802111
상세설명  ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802111 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SM802111 Datasheet HTML 1Page - Micrel Semiconductor SM802111 Datasheet HTML 2Page - Micrel Semiconductor SM802111 Datasheet HTML 3Page - Micrel Semiconductor SM802111 Datasheet HTML 4Page - Micrel Semiconductor SM802111 Datasheet HTML 5Page - Micrel Semiconductor SM802111 Datasheet HTML 6Page - Micrel Semiconductor SM802111 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Micrel, Inc.
SM802111
April 2011
5
M9999-041111-A
hbwhelp@micrel.com
SM802111 Phase Noise Plot
Phase Noise Plot: 125MHz (1.875MHz
− 20MHz 75fs)
or (408) 955-1690


유사한 부품 번호 - SM802111

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802112UMG MICREL-SM802112UMG Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
More results

유사한 설명 - SM802111

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com