전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1804-X-TM3-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 2SD1804-X-TM3-T
상세설명  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-X-TM3-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  2SD1804-X-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R209-006,D
TYPICAL CHARACTERISTICS(Cont.)
57
7
5
3
2
100
0.1
0.01
7
5
3
2
1.0
3
2
10
7
2
3
5
7
1000
Ta=-25℃
Ta=75℃
5
3
5
2
57
7
5
3
2
1.0
0.1
0.01
7
5
3
2
1.0
5
3
2
5
7
2
3
5
7
10
Ta=75℃
Ta=25℃
Ta=-25℃
3
710
IC/IB=20
7 10
2
Ic/IB=20
Ta=25℃
Collector Current, IC (A)
VCE(SAT) -IC
Collector Current, IC (A)
VBE(SAT) -IC
60
40
20
0
80
140
120
100
160
16
20
24
No heat sink
PD -Ta
4
8
12
0
7
5
3
2
10
1.0
7
5
3
2
100
0.1
2
3
5
2
3
5
0.01
7
5
3
1.0
10
2
3
5
100ms
Icp
IC
1
2
0.1
7
7
7
2
TC=25℃, One Pulse For
PNP,minus sign is omitted.
10ms
1ms
Colletcor to Emitter Voltage, VCE (V)
A S O
Ambient Temperature, Ta (℃)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - 2SD1804-X-TM3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1804-X-TM3-T UTC-2SD1804-X-TM3-T Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
2SD1804-X-TM3-T UTC-2SD1804-X-TM3-T Datasheet
217Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
More results

유사한 설명 - 2SD1804-X-TM3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com