전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB120-05H 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 SB120-05H
상세설명  40V, 1.1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB120-05H 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  SB120-05H Datasheet HTML 1Page - Sanyo Semicon Device SB120-05H Datasheet HTML 2Page - Sanyo Semicon Device SB120-05H Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB120-05H
No.1981-2/3


유사한 부품 번호 - SB120-05H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
More results

유사한 설명 - SB120-05H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB11-04HP SANYO-SB11-04HP Datasheet
68Kb / 3P
   40V, 1.1A Rectifier
logo
Shindengen Electric Mfg...
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
   Schottky Rectifiers (SBD) (40V 1.1A)
logo
Sanyo Semicon Device
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
   1.1A Ultrahigh-Speed Rectifier
logo
Renesas Technology Corp
RAA212422 RENESAS-RAA212422 Datasheet
2Mb / 35P
   Dual channel 40V 1.1A and 5.5V 1.5A synchronous buck regulators
Jul 8, 2019
logo
Shindengen Electric Mfg...
D1FL20U-5063 SHINDENGEN-D1FL20U-5063 Datasheet
445Kb / 3P
   200V 1.1A
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
SBA160-04Y SANYO-SBA160-04Y Datasheet
80Kb / 3P
   40V, 16A Rectifier
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
   40V, 5A Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com