전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB120-05H 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 SB120-05H
상세설명  40V, 1.1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB120-05H 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  SB120-05H Datasheet HTML 1Page - Sanyo Semicon Device SB120-05H Datasheet HTML 2Page - Sanyo Semicon Device SB120-05H Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB120-05H
PS No.1981-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of February, 1998. Specifications and information herein are subject
to change without notice.


유사한 부품 번호 - SB120-05H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
More results

유사한 설명 - SB120-05H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB11-04HP SANYO-SB11-04HP Datasheet
68Kb / 3P
   40V, 1.1A Rectifier
logo
Shindengen Electric Mfg...
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
   Schottky Rectifiers (SBD) (40V 1.1A)
logo
Sanyo Semicon Device
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
   1.1A Ultrahigh-Speed Rectifier
logo
Renesas Technology Corp
RAA212422 RENESAS-RAA212422 Datasheet
2Mb / 35P
   Dual channel 40V 1.1A and 5.5V 1.5A synchronous buck regulators
Jul 8, 2019
logo
Shindengen Electric Mfg...
D1FL20U-5063 SHINDENGEN-D1FL20U-5063 Datasheet
445Kb / 3P
   200V 1.1A
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
SBA160-04Y SANYO-SBA160-04Y Datasheet
80Kb / 3P
   40V, 16A Rectifier
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
   40V, 5A Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com