전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1191-S28-T 데이터시트(PDF) 6 Page - Unisonic Technologies

부품명 CXA1191-S28-T
상세설명  FM/AM Radio
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA1191-S28-T 데이터시트(HTML) 6 Page - Unisonic Technologies

  CXA1191-S28-T Datasheet HTML 1Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 2Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 3Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 4Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 5Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 6Page - Unisonic Technologies CXA1191-S28-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CXA1191
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW- R110-014.B
ABSOLUTE MAXIMUM RATINGS (T
a =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
9
V
DIP-28
1000
mW
Power Dissipation
SOP-28
PD
700
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-28
2 ~ 8.5
V
Supply Voltage
SOP-28
VCC
2 ~ 7.5
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, Vcc=6V)
SW
CONDITIONS
PARAMETER
SYMBOL
1 2 3 4 5 6
TEST
POINT
CONDITIONS
MIN
TYP
MAX UNIT
AM Circuit Current
ID1
A B A A A A
IA
No signal, AM
-
3.5
10.0
mA
FM Circuit Current
ID2
A B A A B A
IA
No signal, FM
-
7.0
14.0
mA
FM Front End Voltage
Gain
GV1
A B A A B A
VA
VIN1=40dBµV,100MHZ
32
39
46
dB
FM Detection Output
Level
VD1
A - - A B A
VD
VIN3=90dBµV,10.7 MHZ
(1 kHz,22.5kHz DEV)
39
77.5
155
Vrms
FM IF Knee Level
VD2
A - - A B A
VD
VIN3 level at a point 3 dB
down from
VIN3=90dBµV,10.7 MHZ
(1 kHz,22.5kHz DEV)
-
24
32
dB
μV
FM Detection Output
Distortion Factor
THD1
A - - A B A
VD
VIN3=90dBµV,10.7 MHZ
(1 kHz,75kHz DEV)
-
0.3
2.0
%
FM Meter Current
IB1
A - - A B A
IM
VIN3=60dBµV,10.7 MHZ
1.8
3.5
7.0
mA
AM Front End Voltage
Gain
GV2
A A A A A A
VB
VIN3=60dBµV,1660 kHZ
15
22
29
dB
AM IF Voltage Gain
GV3
A A - A A A
VD
VIN3 w hen 455kHz
(1kHz, 30% MOD)
output is – 34dBm
14
20
27
dBµV
AM Detection Output
Level
VD3
A A - A A A
VD
VIN3=85dBµV,455kHZ
(1kHz, 30% MOD)
39
77.5
155
Vrms
AM Meter Current
IB2
A A - A A A
IM
VIN3=85dBµV,455kHZ
(1kHz, 30% MOD)
1.3
3.0
7.0
mA
AM Detection Output
Distortion Factor
THD2
A A B B A A
VD
VIN2=60dBµV,1660kHZ
(1kHz, 30% MOD),Vcc=7,8V
-
0.6
2.0
%
Audio Voltage Gain
GV4
A - - - - B
VE
VIN3=60dBµV,10.7MHZ
VIN4=-30dBµV,1kHZ
27
31.5
36
dB
Audio Distortion Factor
THD3
A - - - - B
VE
Distortion factor for output of
50mVV
VIN3=60dBµV,10.7MHZ
VIN4=-20dBµ m,1kHZ
-
0.3
2.5
%
Muting Level
VD4
A - - - - B
VE
Muting level for 50 mW
output
VIN4=-20dBm,1kHZ
VIN3 OFF
8
15
22
dB
0dBµV=1µV


유사한 부품 번호 - CXA1191-S28-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
CXA1191 UTC-CXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
ARTSCHIP ELECTRONICS CO...
CXA1191 ARTSCHIP-CXA1191 Datasheet
1Mb / 7P
   LINEAR INTERGATED CIRCUIT
logo
Unisonic Technologies
CXA1191G-D28-T UTC-CXA1191G-D28-T Datasheet
203Kb / 8P
   FM/AM Radio
CXA1191G-S28-R UTC-CXA1191G-S28-R Datasheet
203Kb / 8P
   FM/AM Radio
CXA1191G-S28-T UTC-CXA1191G-S28-T Datasheet
203Kb / 8P
   FM/AM Radio
More results

유사한 설명 - CXA1191-S28-T

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com