전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB20W03 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 SB20W03
상세설명  30V, 2A Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20W03 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  SB20W03 Datasheet HTML 1Page - Sanyo Semicon Device SB20W03 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB20W03P
PS No.4172-2/2
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1998. Specifications and information herein are subject to
change without notice.


유사한 부품 번호 - SB20W03

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB20W03 SANYO-SB20W03 Datasheet
82Kb / 3P
   30V, 2A Rectifier
SB20W03T SANYO-SB20W03T Datasheet
82Kb / 3P
   30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
   30V, 2A Rectifier
More results

유사한 설명 - SB20W03

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB20-03B SANYO-SB20-03B Datasheet
78Kb / 3P
   30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
   30V, 2A Rectifier
SB20W03T SANYO-SB20W03T Datasheet
82Kb / 3P
   30V, 2A Rectifier
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
   30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
   30V, 2A Rectifier
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
   30V, 2A Rectifier
logo
Rohm
2SD2679 ROHM-2SD2679 Datasheet
101Kb / 3P
   2A / 30V Bipolar transistor
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
   -2A / -30V Bipolar transistor
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
   Power transistor (30V, 2A)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com