전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI500U4BB 데이터시트(PDF) 1 Page - Sparkle Power Inc.

부품명 SPI500U4BB
상세설명  500 Watts ATX12V, 1U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPI [Sparkle Power Inc.]
홈페이지  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI500U4BB 데이터시트(HTML) 1 Page - Sparkle Power Inc.

  SPI500U4BB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 8A @ 115Vac, 4.0A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical up to 85%
Rise time: Less than 20ms
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 63Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 220x100x40.5mm /8.66x3.9x 1.6
inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
10A
20A
± 5%
50mV P-P
+5V
1.0A
10A
20A
± 5%
50mV P-P
+12V1
0.5A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
8A
16A
± 5%
120mV P-P
+12V3
1.0A
8A
16A
± 5%
120mV P-P
-12V
0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0A
1.5A
3.0A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 130W
*The 12V1,2,3 total output shall not exceed 39A
* Total output for this subject power supply is 500W
SPI500U4BB
(80PLUS, RoHS Compliant)
500 Watts ATX12V, 1U
Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1 2nd TUV EN60950-1 2nd, CB 60950-1 2nd ,
FCC, EMC


유사한 부품 번호 - SPI500U4BB

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
SPI500U4BG SPI-SPI500U4BG Datasheet
58Kb / 1P
   500 Watts ATX 12V, 1U Switching Power Supply
SPI500U4BGB SPI-SPI500U4BGB Datasheet
38Kb / 1P
   500 Watts ATX 12V, 1U Switching Power Supply
More results

유사한 설명 - SPI500U4BB

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
FSP500-501UN SPI-FSP500-501UN Datasheet
39Kb / 1P
   500 Watts ATX12V, 1U Switching Power Supply
FSP500-80BU SPI-FSP500-80BU Datasheet
302Kb / 2P
   500 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP300-601U SPI-FSP300-601U Datasheet
364Kb / 2P
   300 Watts,ATX12V, 1U Switching Power Supply
SPI2501UH SPI-SPI2501UH Datasheet
299Kb / 1P
   250 Watts ATX12V 1U Switching Power Supply
FSP250-601U SPI-FSP250-601U Datasheet
351Kb / 2P
   250 Watts,ATX12V, 1U Switching Power Supply
FSP250-50LC1U SPI-FSP250-50LC1U Datasheet
150Kb / 1P
   250 Watts ATX12V, 1U Switching Power Supply
FSP460-701UH SPI-FSP460-701UH Datasheet
105Kb / 1P
   460 Watts ATX12V, 1U Switching Power Supply
FSP250-601UD SPI-FSP250-601UD Datasheet
403Kb / 2P
   250 Watts ATX12V 1U Switching Power Supply
FSP460-621U SPI-FSP460-621U Datasheet
71Kb / 1P
   460 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP600-801UK SPI-FSP600-801UK Datasheet
103Kb / 1P
   600 Watts ATX12V/EPS12V,1U Switching Power Supply
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com