전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3111C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN3111C
상세설명  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN3111C Datasheet HTML 1Page - Fairchild Semiconductor FAN3111C Datasheet HTML 2Page - Fairchild Semiconductor FAN3111C Datasheet HTML 3Page - Fairchild Semiconductor FAN3111C Datasheet HTML 4Page - Fairchild Semiconductor FAN3111C Datasheet HTML 5Page - Fairchild Semiconductor FAN3111C Datasheet HTML 6Page - Fairchild Semiconductor FAN3111C Datasheet HTML 7Page - Fairchild Semiconductor FAN3111C Datasheet HTML 8Page - Fairchild Semiconductor FAN3111C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
3
For a practical example, the gate-source voltage versus total
gate charge is reproduced from the Fairchild FCP20N60
power MOSFET datasheet in Figure 4. The curve was
produced using a test circuit that drives the gate of the
Device Under Test (DUT) with a small current source of
3mA. In this example, the gate charge needed to reach the
threshold voltage of 3V is approximately 7nC. The charge
required during interval t2, QGS2, is found to be 14nC – 7nC
= 7nC. In interval t3, the value of QGD is found to be QGD =
46nC – 14nC = 32nC. In this typical case, the effect of QGD
on the switching loss is more significant than the
contribution resulting from QGS2.
t4
t3
t2
t1
FCP20N60
Figure 4.
VGS vs. Qg for FCP20N60
With VGS at final drive level, the value for QG,total is known.
To find the average current required from the bias supply:
SW
G
DD
f
Q
I
=
(6)
where fsw is the switching frequency of the power stage.
With the average current requirement known, the input
power drawn from the VDD bias supply can be found as:
SW
G
DD
DD
DD
dr
f
Q
V
I
V
P
=
=
(7)
The circuit waveforms and current paths during inductive
load turn off are similar to those for turn on, but taken in a
reverse order. For brevity, the circuit waveforms are
indicated in Figure 5, but the current paths are not shown.
t8
t7
t6
t5
time
V
DD
V
PL
V
TH
I
L
V
o
-I
PK
-I
PL
V
DS
I
DS
V
GS
I
G
Figure 5.
MOSFET Turn Off with Inductive Load
In the t5 interval, IG rises to discharge VGS from VDD to the
plateau level defined by (2). In the t6 interval, VGS remains
at the plateau voltage while VDS rises to the off state voltage.
The t6 interval lasts for a time approximated by:
G
GD
rise
,
VDS
I
Q
t
6
t
=
=
(8)
In interval t7, the drain current IDS falls from the value of IL
to 0 while VGS falls from VPL to VTH. This time interval is
given by:
G
2
,
GS
fall
,
IDS
I
Q
t
7
t
=
=
(9)
In the t8 interval, VGS is discharged from the threshold
voltage to zero.
An equation relating IG to the switching loss during the turn
off interval is given as:
()
+
×
=
7
t
,
G
2
GS
6
t
,
G
GD
SW
LOAD
IN
OFF
.
SW
I
Q
I
Q
f
2
I
V
P
(10)


유사한 부품 번호 - FAN3111C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

유사한 설명 - FAN3111C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com