전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3226T 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN3226T
상세설명  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226T 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN3226T Datasheet HTML 1Page - Fairchild Semiconductor FAN3226T Datasheet HTML 2Page - Fairchild Semiconductor FAN3226T Datasheet HTML 3Page - Fairchild Semiconductor FAN3226T Datasheet HTML 4Page - Fairchild Semiconductor FAN3226T Datasheet HTML 5Page - Fairchild Semiconductor FAN3226T Datasheet HTML 6Page - Fairchild Semiconductor FAN3226T Datasheet HTML 7Page - Fairchild Semiconductor FAN3226T Datasheet HTML 8Page - Fairchild Semiconductor FAN3226T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
4
Synchronous Rectifier Operation
A MOSFET operated as a synchronous rectifier (SR)
experiences a switching interval significantly different from
the case of a clamped inductive load. Figure 6 shows a
simplified forward converter power stage with a
synchronous rectifier QSR in place of the freewheel diode.
Figure 6.
Simplified Forward Converter
In this example, an SR signal generated by the control
circuit crosses the isolation boundary to keep the
synchronous rectifier QSR on while Q1 is off. However, the
SR signal should command QSR to turn off before Q1 turns
on to apply positive voltage to the transformer. Figure 7
shows four intervals used to illustrate the turn-off sequence
of the synchronous rectifier.
(a)
(b)
(c)
(d)
CGD
CGS
IL
RG
VSEC
VDC
DBD
RLOW
-
+
IG
RDS
S
D
CGD
CGS
CDS
IL
RG
VDC
DBD
RLOW
VSEC
-
+
D
S
VDC
CGD
CGS
CDS
IL
RG
VDC
DBD
RLOW
CGD
CGS
CDS
IL
RG
DBD
RLOW
IG
VSEC
-
+
VSEC
-+
DD
S
S
Figure 7.
SR MOSFET Turn Off
Prior to turn off, the MOSFET conducts load current IL
through the resistive channel RDS and the drain-to-source
voltage is negative. In Figure 7(a) the output of the driver is
low and the combination of CGD and CGS are discharged in
parallel in a time interval given by:
G
SR
,
Q
off
I
Q
t
=
(11)
where QQSR is defined in reference [3] to be:
DD
SR
,
GD
GS
SR
,
Q
V
)
C
C
(
Q
+
=
(12)
Also in reference [3], CGS,SR is estimated as:
DD
SPEC
,
DS
SPEC
,
RSS
SR
,
GD
V
5
.
0
V
C
2
C
=
(13)
From standard MOSFET nomenclature:
RSS
ISS
GS
C
C
C
=
(14)
In Figure 7(b), the MOSFET is fully off, IL flows through
the body diode, and the VSEC polarity has not changed.
When VSEC changes polarity, as shown in Figure 7(c),
current flows from VSEC to recover the body diode stored
charge and the diode commutates. In Figure 7(d), the body
diode has been fully recovered and VDS rises quickly. The
high dV/dT on the MOSFET drain can cause a capacitive
current to flow through the CDS/CGS voltage divider, so a
driver with strong current sink capability is essential to hold
the gate voltage below the threshold voltage.
In the synchronous rectifier application, IG does not affect
switching losses as it did in the clamped inductive load
application. However, the paralleled MOSFETS used in SR
applications require high-current pulses to switch
effectively, and high current drivers are often located in
close proximity.
Transformer Drive Applications
In power converters such as a half-bridge, full-bridge, two-
switch forward converters; and active clamp forward
converters there are high-side switches or a combination of
high/low switches that must be controlled. If galvanic
isolation is not needed between the control and the power
switches, the MOSFETs may be driven with a
semiconductor half-bridge gate driver, but the inherent
propagation delay must be considered in the design. For
circuits that need isolation or can benefit from short
propagation delays, the gate drive transformer should be
considered as a potential solution.
In a related application, it is often necessary to provide high-
speed communication between the primary and secondary
sides of an isolated converter. This can be accomplished
using technologies such as opto-isolators with digital outputs
or magnetic pulse transformers. These pulse transformers
are similar to the gate drive transformer, but they are only
required to transmit logic signals instead of delivering the
high-current pulses to turn a power MOSFET on and off.
The simplified circuit of Figure 8 is used to illustrate the
basic operation of a low-side driver and pulse transformer
used in a communication circuit. The transformer is shown
as ideal transformer with turns ratio NP:NS = 1:1 in parallel


유사한 부품 번호 - FAN3226T

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

유사한 설명 - FAN3226T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com