전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS3570 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS3570
상세설명  Power Converter Topology and MOSFET Selection for 48-V Telecom
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3570 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS3570 Datasheet HTML 1Page - Fairchild Semiconductor FDS3570 Datasheet HTML 2Page - Fairchild Semiconductor FDS3570 Datasheet HTML 3Page - Fairchild Semiconductor FDS3570 Datasheet HTML 4Page - Fairchild Semiconductor FDS3570 Datasheet HTML 5Page - Fairchild Semiconductor FDS3570 Datasheet HTML 6Page - Fairchild Semiconductor FDS3570 Datasheet HTML 7Page - Fairchild Semiconductor FDS3570 Datasheet HTML 8Page - Fairchild Semiconductor FDS3570 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Rev. A, June 2001
©2001 Fairchild Semiconductor Corporation
Figure 3. A single transistor forward converter.
Figure 4 shows a design for a typical RCD clamp circuit. The leakage inductance energy is
stored in the capacitor, and subsequently burned up in the resistor. The flyback voltage during
the primary switch's off state is not forced by the turns ratio as in the flyback design. During the
off state the forward output rectifier (D1) essentially disconnects the transformer from the
secondary circuit. The resonant effects of the transformer’s primary inductance, and the stray
capacitance at the switch’s drain node control the primary switch drain voltage. This capaci-
tance includes the FET’s output capacitance and Miller capacitance, as well as transformer
winding capacitances, and reflected secondary rectifier capacitances. Again, the severe
nonlinearity of many of these elements leads one to a largely empirical approach to circuit
optimization. In general, it is safe to assume that the maximum drain-voltage observed in the
off state will be 2.5- to 3-times the input voltage. Therefore, the 200-V FDS2670 is the best
choice for these designs. Figure 5 shows the important current and voltage waveforms.
Figure 4. A typical RCD clamp circuit.
Gate
Q1
MOSFET N
D1
D2
T1
C1
+
U1
PWM
GND
VIN
RTN
C2
L1
+
VOUT
R1
To FET Drain
To Ground of VIN
D1
C1


유사한 부품 번호 - FDS3570

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS3570

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
ON Semiconductor
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
ALPS ELECTRIC CO.,LTD.
SDDE ALPS-SDDE Datasheet
1,014Kb / 3P
   One switch for main power, mode selection and start
logo
International Rectifier
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
   Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com