전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2511 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN2511
상세설명  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2511 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN2511 Datasheet HTML 1Page - Fairchild Semiconductor FAN2511 Datasheet HTML 2Page - Fairchild Semiconductor FAN2511 Datasheet HTML 3Page - Fairchild Semiconductor FAN2511 Datasheet HTML 4Page - Fairchild Semiconductor FAN2511 Datasheet HTML 5Page - Fairchild Semiconductor FAN2511 Datasheet HTML 6Page - Fairchild Semiconductor FAN2511 Datasheet HTML 7Page - Fairchild Semiconductor FAN2511 Datasheet HTML 8Page - Fairchild Semiconductor FAN2511 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FAN2510/FAN2511
PRODUCT SPECIFICATION
REV. 1.0.7 12/17/10
5
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only
if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Based upon thermally limited junction temperature:
4. Human Body Model is 4kV minimum using Mil Std. 883E, method 3015.7. Machine Model is 400V minimum using JEDEC
method A115-A.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Power Supply Voltages
VIN (Measured to GND)
0
7
V
Enable Input (EN)
Applied voltage (Measured to GND)2
07
V
ERR Output
Applied voltage (Measured to GND)2
07
V
Power
Dissipation3
Internally limited
Temperature
Junction
-65
150
°C
Lead Soldering (5 seconds)
260
°C
Storage
-65
150
°C
Electrostatic Discharge4
4kV
Parameter
Min
Nom
Max
Units
VIN
Input Voltage Range
2.7
6.5
V
VOUT
Output Voltage Range, Adjustable
VREF
VIN-VDO
V
VEN
Enable Input Voltage
0
VIN
V
VERR
ERR Flag Voltage
VIN
V
TJ
Junction Temperature
-40
+125
°C
θ
JA
Thermal resistance
220
°C/W
θ
JC
Thermal resistance
130
°C/W
P
D
T
J max
() TA
Θ
JA
-------------------------------
=


유사한 부품 번호 - FAN2511

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2511 FAIRCHILD-FAN2511 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S25X FAIRCHILD-FAN2511S25X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S26X FAIRCHILD-FAN2511S26X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S27X FAIRCHILD-FAN2511S27X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S285X FAIRCHILD-FAN2511S285X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results

유사한 설명 - FAN2511

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com