전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2514 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN2514
상세설명  200 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2514 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2514 Datasheet HTML 2Page - Fairchild Semiconductor FAN2514 Datasheet HTML 3Page - Fairchild Semiconductor FAN2514 Datasheet HTML 4Page - Fairchild Semiconductor FAN2514 Datasheet HTML 5Page - Fairchild Semiconductor FAN2514 Datasheet HTML 6Page - Fairchild Semiconductor FAN2514 Datasheet HTML 7Page - Fairchild Semiconductor FAN2514 Datasheet HTML 8Page - Fairchild Semiconductor FAN2514 Datasheet HTML 9Page - Fairchild Semiconductor FAN2514 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN2514/FAN2515
PRODUCT SPECIFICATION
REV. 1.0.9 12/17/10
7
Typical Performance Characteristics
0
20
40
60
80
100
Frequency (Hz)
Power Supply
Frequency (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1.0µF Cer.
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
20
40
60
80
100
Rejection Ratio
I
OUT = 200mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
3.1
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage
Power Supply
I
OUT = 100µA
200mA
C
OUT = 1.0µF Cer.
10mA
0
10
20
30
40
50
60
70
3.1
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage
Power Supply
I
OUT = 100µA
200mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
10mA
100mA
V
IN = 4.0V
V
OUT = 3.0V
0
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100µA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 10µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Noise Performance
Rejection Ratio
I
OUT = 100mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 200mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
10
100
1k
10k 100k 1M 10M
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
V
IN = 4.0V
V
OUT = 3.0V
C
OUT = 1.0µF
C
BYP = 0.01µF
I
L = 10µA
V
IN = 4V
V
OUT = 3V
Load Current (mA)
Ground Pin Current
30.00
32.00
34.00
36.00
38.00
40.00
0.1
1
10
100
C
BYP = 0.01µF
100mA


유사한 부품 번호 - FAN2514

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2514S25X FAIRCHILD-FAN2514S25X Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2514S26X FAIRCHILD-FAN2514S26X Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2514S27X FAIRCHILD-FAN2514S27X Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2514S285X FAIRCHILD-FAN2514S285X Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
More results

유사한 설명 - FAN2514

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com