전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW3801C 데이터시트(Datasheet) 1 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSW3801C
상세내용  φ3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo 

 
 1 page
background image
2010.3.10
Page 1
x = 0.31TYP., y = 0.32TYP.(GSW,GLW)
ESD-withstand voltage
InGaN
Up to 1kV (HBM)
G□□3801C
φ3 Flush Mount Type LED
Blue
: 470nm(GSB)
Green
: 530nm(GSG)
GSW
GLW
GSB
GSG
: 40deg.
: 45deg.
: 18deg.
: 18deg.
Features
Package
Product features
Chromaticity coordinates
Spatial distribution
Die materials
Rank grouping parameter
Soldering methods
Dominant wavelength
Packing
Bulk : 200pcs(MIN.)
TTW (Through The Wave) soldering and manual soldering
φ3 Flush Mount Type. Water clear resin
・Outer Dimension φ3 Flush Mount Type.
・Low power consumption type
・Operation temperature range
Storage Temperature
Operating Temperature
・Lead–free soldering compatible
・RoHs compliant
Sorted by luminous intensity rank and chromaticity rank (GSW,GLW)
Sorted by luminous intensity rank (GSB,GLG)
Recommended Applications
Amusement Equipment, OA/FA, Other General Applications
G□□3801C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl