전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW3801C 데이터시트(Datasheet) 10 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSW3801C
상세내용  φ3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo 

 10 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 10
0.1
1.0
10.0
-40
10
60
110
0
5
10
15
20
25
-40
10
60
110
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
2.0
2.5
3.0
3.5
-40
10
60
110
0
10
20
30
40
-40
10
60
110
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Forward Voltage
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Technical Data (GSW)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl