전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW3801C 데이터시트(Datasheet) 3 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSW3801C
상세내용  φ3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo 

 
 3 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 3
(Ta=25℃)
GSW
GLW
GSB
GSG
Power
Dissipation
Pd
36
120
36
38
mW
Forward Current
IF
10
30
10
10
mA
Pulse Forward
Current
※ 1
IFRM
20
100
20
20
mA
⊿ IF
0.130
0.400
0.130
0.130
mA/
⊿ IFRM
0.267
1.333
0.267
0.267
mA/
Reverse Voltage
VR
V
Operating
Temperature
Topr
Storage
Temperature
Tstg
Item
Symbol
Derating
(Ta=25
℃ or
higher)
5
Unit
-40
∼+85
-40
∼+100
Absolute Maximum Ratings
(Ta=25℃)
Condition
GSW
GLW
GSB
GSG
TYP.
2.9
2.9
2.9
3.0
MAX.
3.3
3.2
3.5
3.5
Reverse Current
VR=5V
IR
MAX.
100
100
100
100
μA
x
TYP.
0.31
0.31
-
-
-
y
TYP.
0.32
0.32
-
-
-
Peak Wavelength
IF=5mA
λ
p
TYP.
-
-
465
524
nm
Dominant
Wavelength
IF=5mA
λ
d
TYP.
-
-
470
530
nm
Spectral Line Half
Width
IF=5mA
⊿ λ
TYP.
-
-
25
40
nm
Half Intensity Angle
IF=5mA
2
θ1/2
TYP.
40
45
18
18
deg.
Chromaticity
Coordinates
IF=5mA
VF
V
Item
Unit
Symbol
Forward Voltage
IF=5mA
Characteristics
Absolute Maximum Ratings
※1 IFRM Measurement condition : Pulse Width 1ms., Duty 1/20.
Electro-Optical Characteristics




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl