전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW3809X 데이터시트(Datasheet) 11 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSW3809X
상세내용  φ3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo 

 11 page
background image
φ3 Flush Mount Type LED
2010.3.10
Page 11
G□□3809X
1
10
100
1
10
100
1
10
1
10
100
1000
10000
100000
2
10KHz
1KHz
100Hz
50Hz
0.25
0.30
0.35
0.40
0.25
0.30
0.35
0.40
標準色度枠
If=10mA
If=5mA
If=2mA
0.25
0.30
0.35
0.40
0.25
0.30
0.35
0.40
標準色度枠
Ta=
−40℃
Ta=
−20℃
Ta=0
Ta=25
Ta=40
Ta=60
Ta=85
Technical Data (GSW)
Ambient Temperature vs. Chromaticity (typ. value)
Condition : I
F = 5mA
x
Forward Current vs. Chromaticity (typ. value)
Condition : Ta = 25℃
x
Pulse Width vs. Maximum Tolerable Current Ratio
Condition : Ta = 25℃
Pulse Width : tw (μs)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Duty (%)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl