전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2560 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN2560
상세설명  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2560_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 9Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
6
Typical Characteristics (Continued)
Figure 11. Load Transient Response (5µs/div.)
Figure 12. Load Transient Response (5µs/div.)
Figure 13. Line Transient Response (50µs/div.)
Figure 14. Line Transient Response (50µs/div.)
Figure 15. Start-up and Inrush Current (20µs/div.)
Figure 16. Start-up and Inrush Current (20µs/div.)


유사한 부품 번호 - FAN2560_09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

유사한 설명 - FAN2560_09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com