전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSB3809X 데이터시트(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSB3809X
상세설명  ?3 Flush Mount Type LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSB3809X 데이터시트(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  GSB3809X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSB3809X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
φ3 Flush Mount Type LED
2010.3.10
Page 5
G□□3809X
(Ta=25℃)
Sorting Chart for Chromaticity Coordinates (GSW,GLW)
Rank
x
y
x
y
x
y
x
y
1
0.280
0.248
0.264
0.267
0.283
0.305
0.296
0.276
2c
0.287
0.295
0.283
0.305
0.304
0.330
0.307
0.315
2d
0.296
0.276
0.287
0.295
0.307
0.315
0.311
0.294
2e
0.307
0.315
0.304
0.330
0.330
0.360
0.330
0.339
2f
0.311
0.294
0.307
0.315
0.330
0.339
0.330
0.318
3
0.330
0.318
0.330
0.360
0.361
0.385
0.356
0.351
Condtions
IF =5mA
LEFT DOWN point
LEFT UP point
RIGHT UP point
RIGHT UP point
Chromaticity Coordinates Tolerance Each Rank : +/-0.02
※Please contact our sales staff concerning rank designation.


유사한 부품 번호 - GSB3809X

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSB3801C STANLEY-GSB3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
More results

유사한 설명 - GSB3809X

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSW3801C STANLEY-GSW3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
GLW3809X STANLEY-GLW3809X Datasheet
240Kb / 13P
   3 Flush Mount Type White LED
UW3804X STANLEY-UW3804X Datasheet
188Kb / 13P
   3 Flush Mount Type White LED
GLW5809C STANLEY-GLW5809C Datasheet
243Kb / 13P
   3 X 5 Flush Mount Type White LED
UW5805S STANLEY-UW5805S Datasheet
184Kb / 13P
   Flush Mount Type White LED
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
   Flush Mount Type White LED
UW5806X STANLEY-UW5806X Datasheet
187Kb / 13P
   5 Flush Mount Type White LED
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com