전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2564 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN2564
상세설명  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2564 Datasheet HTML 2Page - Fairchild Semiconductor FAN2564 Datasheet HTML 3Page - Fairchild Semiconductor FAN2564 Datasheet HTML 4Page - Fairchild Semiconductor FAN2564 Datasheet HTML 5Page - Fairchild Semiconductor FAN2564 Datasheet HTML 6Page - Fairchild Semiconductor FAN2564 Datasheet HTML 7Page - Fairchild Semiconductor FAN2564 Datasheet HTML 8Page - Fairchild Semiconductor FAN2564 Datasheet HTML 9Page - Fairchild Semiconductor FAN2564 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.2
6
Typical Performance Characteristics
Unless otherwise noted, VIN=VOUT(Nominal)+0.5V or 1.8V (whichever is greater), VOUT=1.2V,CIN=1µF, COUT=4.7µF,
and TA=25C.
Figure 6.
Output Voltage Change
vs. Temperature
Figure 7.
Output Voltage vs. Minimum Input
Voltage
Figure 8.
Dropout Voltage
Figure 9.
Ground Current vs. Load Current
Figure 10.
Ground Current vs. VIN, ILOAD=1mA


유사한 부품 번호 - FAN2564

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC12X FAIRCHILD-FAN2564UC12X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC13X FAIRCHILD-FAN2564UC13X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC15X FAIRCHILD-FAN2564UC15X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

유사한 설명 - FAN2564

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com