전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2560UC13X 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN2560UC13X
상세설명  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560UC13X 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2560UC13X Datasheet HTML 3Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 4Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 5Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 6Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 7Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 8Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 9Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 10Page - Fairchild Semiconductor FAN2560UC13X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
8
Application Information
ENABLE Latch
A pull-down resistor latches the LOW state of the EN
input after this input is externally forced LOW. A low-
side switch turns ON a 370 k
Ω pull-down resistance to
keep the EN in LOW state, even if the EN input is
subsequently left floating.
Soft-Start
A soft-start function prevents an excessive input current
flow during start-up. When the LDO is enabled, the soft-
start circuit limits the peak inrush current below the
specified maximum value, which increases when COUT
increases. To further reduce the peak inrush current,
the output capacitance may be lowered to 1µF, taking
advantage of FAN2560 stability over a wide range of
COUT capacitance.
Short-Circuit and Thermal Protection
The FAN2560 output current voltage characteristic has
a fold-back shape that indicates a short-circuit current
limit lower than the maximum load current. Although the
short-circuit current is limited to below 500mA, the
device can supply high peak output currents of up to 1A
for brief periods. However, this output overload may
cause the die temperature to increase and exceed
maximum ratings due to power dissipation. In such
cases, depending upon the ambient temperature, VIN,
load current, and the junction-to-air thermal resistance
JA) of the die, the device may enter thermal shutdown.
During output overload conditions, when the die
temperature exceeds the shutdown limit temperature of
150°C, the onboard thermal protection disables the
output until the temperature drops below this limit, at
which point the output is re-enabled.
Thermal Considerations
For best performance, the die temperature and the
power dissipated should be kept at moderate values.
The maximum power dissipated can be evaluated
based on the following relationship:
Θ
=
JA
A
(max)
J
(max)
D
T
T
P
(1)
where TJ(max) is the maximum allowable junction
temperature of the die, which is 125°C, and TA is the
ambient operating temperature. θJA is dependent on the
surrounding PCB layout and can be improved by
providing a heat sink of surrounding copper ground.
The addition of backside copper with through-holes,
stiffeners, and other enhancements can also aid in
reducing θJA. The heat contributed by the dissipation of
other devices located nearby must be included in
design considerations.
Reverse Current Path
During normal operation, VIN is higher than VOUT and
the parasitic diode for the series power FET is reverse
biased. If the output voltage is externally forced above
the input voltage, the parasitic diode gets forward
biased and starts to conduct. In this case, it is
necessary to limit the reverse current to maximum
100mA to avoid adversely affecting reliability.
Capacitors Selection
The FAN2560 is stable with a wide range of ceramic
output capacitors. An output capacitor of at least 0.7µF
effective capacitance and the minimum ESR over the
frequency range of 3 to 300m
Ω is required to ensure
stability over the full range of supply voltages and load
currents. High-ESR tantalum or electrolytic capacitors
may be used, but a low ESR ceramic capacitor has to
be connected in parallel at the output, at a distance no
more than 1-inch from the VOUT pin. The MLCC
capacitors indicated in Table 1 have been successfully
tested with the FAN2560.
Table 1. Recommended Capacitors
Capacitance
Size
Vendor
Part number
1
μF
0603
MURATA
GRM188R71C105KA120
2.2
μF
0603
MURATA
GRM188R61A225KF340
2.2
μF
0402
MURATA
GRM155R60J225ME15


유사한 부품 번호 - FAN2560UC13X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

유사한 설명 - FAN2560UC13X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com