전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3278 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN3278
상세설명  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3278 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN3278 Datasheet HTML 1Page - Fairchild Semiconductor FAN3278 Datasheet HTML 2Page - Fairchild Semiconductor FAN3278 Datasheet HTML 3Page - Fairchild Semiconductor FAN3278 Datasheet HTML 4Page - Fairchild Semiconductor FAN3278 Datasheet HTML 5Page - Fairchild Semiconductor FAN3278 Datasheet HTML 6Page - Fairchild Semiconductor FAN3278 Datasheet HTML 7Page - Fairchild Semiconductor FAN3278 Datasheet HTML 8Page - Fairchild Semiconductor FAN3278 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
30.0
V
VEN
ENA, ENB to GND
GND - 0.3 VDD + 0.3
V
VIN
INA, INB to GND
GND - 0.3 VDD + 0.3
V
VOUT
OUTA, OUTB to GND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
ESD
Electrostatic Discharge
Protection Level
Human Body Model, JEDEC JESD22-A114
2
kV
Charged Device Model, JEDEC JESD22-C101
2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
8
27
V
VEN
Enable Voltage (ENA, ENB)
0
VDD
V
VIN
Input Voltage (INA, INB)
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
°C


유사한 부품 번호 - FAN3278

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN3278T FAIRCHILD-FAN3278T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3278T FAIRCHILD-FAN3278T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

유사한 설명 - FAN3278

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com