전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5026MTCX 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN5026MTCX
상세설명  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5026MTCX 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5026MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
8
Typical Applications (Continued)
Figure 6. Dual Regulator Application
Table 2. Dual Regulator BOM
Description
Qty.
Ref.
Vendor
Part Number
Capacitor 68 f, Tantalum, 25V, ESR 95m
1
C1
AVX
TPSV686*025#095
Capacitor 10nf, Ceramic
2
C2, C3
Any
Capacitor 68 f, Tantalum, 6V, ESR 1.8
1
C4
AVX
TAJB686*006
Capacitor 150nF, Ceramic
2
C5, C7
Any
Capacitor 330 f, Poscap, 4V, ESR 40m
2
C6, C8
Sanyo
4TPB330ML
Capacitor 0.1 F, Ceramic
2
C9
Any
56.2K
Ω, 1% Resistor
1
R1, R2
Any
10K
Ω, 5% Resistor
1
R3
Any
3.24K
Ω, 1% Resistor
1
R4
Any
1.82K
Ω, 1% Resistor
3
R5, R8, R9
Any
1.5K
Ω, 1% Resistor
2
R6, R7
Any
Schottky Diode 30V
2
D1, D2
Fairchild Semiconductor
BAT54
Inductor 6.4 H, 6A, 8.64m
2
L1, L2
Panasonic
ETQ-P6F6R4HFA
Dual MOSFETs with Schottky
1
Q1, Q2
Fairchild Semiconductor
FDS6986AS
(3)
DDR Controller
1
U1
Fairchild Semiconductor
FAN5026
Note:
3.
If currents above 4A continuous are required, use single SO-8 packages. For more information, refer to the
Power MOSFET Selection Section and AN-6002 for design calculations.


유사한 부품 번호 - FAN5026MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5026MTCX FAIRCHILD-FAN5026MTCX Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
More results

유사한 설명 - FAN5026MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com