전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5234MTCX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN5234MTCX
상세설명  Dual Mobile-Friendly PWM / PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234MTCX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN5234MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5234 • Rev. 2.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
VCC Supply Voltage
6.5
V
VIN
VIN Supply Voltage
27
V
BOOT, SW, ISNS, HDRV Pins
33
V
BOOT to SW Pins
6.5
V
All Other Pins
-0.3
VCC+0.3
V
TJ
Junction Temperature
-10
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
TL
Lead Soldering Temperature, 10 Seconds
+300
ºC
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
VCC Supply Voltage
4.75
5.00
5.25
V
VIN
VIN Supply Voltage
24
V
TA
Ambient Temperature
-10
+85
°C
ΘJA
Thermal Resistance, Junction to Ambient
112
°C/W


유사한 부품 번호 - FAN5234MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

유사한 설명 - FAN5234MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com