전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5358 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5358
상세설명  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5358 Datasheet HTML 5Page - Fairchild Semiconductor FAN5358 Datasheet HTML 6Page - Fairchild Semiconductor FAN5358 Datasheet HTML 7Page - Fairchild Semiconductor FAN5358 Datasheet HTML 8Page - Fairchild Semiconductor FAN5358 Datasheet HTML 9Page - Fairchild Semiconductor FAN5358 Datasheet HTML 10Page - Fairchild Semiconductor FAN5358 Datasheet HTML 11Page - Fairchild Semiconductor FAN5358 Datasheet HTML 12Page - Fairchild Semiconductor FAN5358 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.2
10
Applications Information
Selecting the Inductor
The output inductor must meet both the required inductance
and the energy handling capability of the application.
The inductor value affects the average current limit, the
PWM-to-PFM transition point, the output voltage ripple, and
the efficiency.
The ripple current (∆I) of the regulator is:
⎟⎟
⎜⎜
Δ
SW
OUT
IN
IN
OUT
f
L
V
V
V
V
I
(1)
The maximum average load current, IMAX(LOAD), is related to
the peak current limit, ILIM(PK) by the ripple current:
2
I
I
I
)
PK
(
LIM
)
LOAD
(
MAX
Δ
=
(2)
The transition between PFM and PWM operation is
determined by the point at which the inductor valley current
crosses zero. The regulator DC current when the inductor
current crosses zero, IDCM, is:
2
I
IDCM
Δ
=
(3)
The FAN5358 is optimized for operation with L=2.2µH. The
inductor should be rated to maintain at least 70% of its value
at ILIM(PK).
Efficiency is affected by the inductor DCR and inductance
value. Decreasing the inductor value for a given physical
size typically decreases the DCR; but since ∆I increases, the
RMS current increases, as do core and skin effect losses.
12
I
I
I
2
2
)
DC
(
OUT
RMS
Δ
+
=
(4)
The increased RMS current produces higher losses through
the RDS(ON) of the IC MOSFETs as well as the inductor ESR.
Increasing the inductor value produces lower RMS currents,
but degrades transient response. For a given physical
inductor size, increased inductance usually results in an
inductor with lower saturation current. Table 3 shows the
effects of inductance higher or lower than the recommended
inductor on regulator performance.
Thermal Considerations
The FAN5358 is designed to supply a maximum of 500mA,
at the specified output voltage, with an operating junction
temperature of up to 125°C. Once the power dissipation and
thermal resistance is known, the maximum junction
temperature of the device can be calculated. The power
dissipation by the IC can be calculated from the power
efficiency diagram Figure 5 and subtracting the power
dissipated by the inductor due to its serial resistance (ESR).
The inductor ESR is dependent, not only upon the size and
type of inductor, but also upon the switching frequency,
which depends on the load and VIN. Some inductor
manufacturers provide full information regarding the variation
of the inductor ESR with the switching frequency. This
information can be used to show that, at high switching
frequency (~2 MHz) and maximum load, the power
dissipated by the inductor can exceed the power dissipated
by the IC package itself.
The actual thermal resistance depends upon the thermal
characteristics of the SC-70 surface-mount package and the
surrounding printed circuit board (PCB) copper to which it is
mounted. This can be improved by providing a heat sink of
surrounding copper ground on the PCB. Depending on the size
of the copper area, the resulting θJA can be reduced below
280°C/W. The addition of backside copper with through holes,
stiffeners, and other enhancements can also help reduce
thermal resistance. The heat contributed by the dissipation of
other devices, particularly the inductor, located nearby, must be
included in the design considerations. Once the limiting
parameters are determined, the design can be modified to
ensure that the device remains within specified operating
conditions even if the maximum load is applied permanently.
In short circuit VOUT-to-GND condition, the FAN5358 is fully
protected and the power dissipated is internally reduced
below 100mW. Overload conditions at minimum VIN should
be considered as worst case, when it is possible for the
device to enter a thermal cycling loop in which the circuit
enters a shutdown condition, cools, re-enables, and again
overheats and shuts down repeatedly due to an unmanaged
fault condition. The diagram in Figure 20 was determined
experimentally, using the recommended two-layer PCB in
still air, to be used as a thermal guide.
55
60
65
70
75
80
85
90
2.7
2.9
3.1
3.3
3.5
Input Voltage (V)
Safe Operating Area
for 500mA Load
Area Where Thermal Protection May Trigger
Figure 20. Maximum Ambient Temperature vs.
Input Voltage at 500mA


유사한 부품 번호 - FAN5358

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358 Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S710X FAIRCHILD-FAN5358S710X Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S712X FAIRCHILD-FAN5358S712X Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S713X FAIRCHILD-FAN5358S713X Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S718X FAIRCHILD-FAN5358S718X Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

유사한 설명 - FAN5358

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358 Datasheet
632Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com