전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5361 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN5361
상세설명  6MHz, 600mA / 750mA Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN5361_10 Datasheet HTML 1Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN5361_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.1.0
4
Electrical Characteristics
Minimum and maximum values are at VIN = VEN = 2.3V to 5.5V, VMODE = 0V (AUTO Mode), TA = -40°C to +85°C; circuit of
Figure 1, unless otherwise noted. Typical values are at TA = 25°C, VIN = VEN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
IQ
Quiescent Current
No Load, Not Switching
35
55
µA
PWM Mode
6
mA
I(SD)
Shutdown Supply Current
VIN = 3.6V, EN = GND
0.05
1.00
µA
VUVLO
Under-Voltage Lockout Threshold
Rising VIN
2.15
2.25
V
VUVHYST
Under-Voltage Lockout Hysteresis
150
mV
Logic Inputs: EN and MODE Pins
VIH
Enable HIGH-Level Input Voltage
1.2
V
VIL
Enable LOW-Level Input Voltage
0.4
V
VLHYST
Logic Input Hysteresis Voltage
100
mV
IIN
Enable Input Leakage Current
Pin to VIN or GND
0.01
1.00
µA
Switching and Synchronization
fSW
Switching Frequency
(3)
VIN = 3.6V, TA = 25°C
5.4
6.0
6.6
MHz
fSYNC
MODE Synchronization Range
(3)
Square Wave at MODE Input
1.3
1.5
1.7
MHz
Regulation
VO
Output Voltage
Accuracy
1.900V
ILOAD = 0 to 750mA
1.862
1.900
1.957
V
PWM Mode
1.862
1.900
1.938
1.820V
ILOAD = 0 to 600mA
1.784
1.820
1.875
PWM Mode
1.784
1.820
1.856
1.500V
ILOAD = 0 to 600mA
1.470
1.500
1.545
PWM Mode
1.470
1.500
1.530
1.233V
ILOAD = 0 to 600mA
1.207
1.233
1.272
PWM Mode
1.207
1.233
1.259
tSS
Soft-Start
From EN Rising Edge
180
300
µs
Output Driver
RDS(on)
PMOS On Resistance
VIN = VGS = 3.6V
350
m
Ω
NMOS On Resistance
VIN = VGS = 3.6V
225
ILIM(OL)
PMOS Open-Loop Peak Current
Limit
VOUT = 1.233V, 1.5V, 1.82V
900
1100
1250
mA
VOUT = 1.9V
1375
TTSD
Thermal Shutdown
CCM Only
150
°C
THYS
Thermal Shutdown Hysteresis
15
°C
Notes:
3.
Limited by the effect of tOFF minimum (see Figure 14 and Figure 15 in Typical Performance Characteristics).
4.
The Electrical Characteristics table reflects open-loop data. Refer to Operation Description and Typical Characteristics for
closed-loop data.


유사한 부품 번호 - FAN5361_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN53610AUC29X FAIRCHILD-FAN53610AUC29X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53610AUC29X ONSEMI-FAN53610AUC29X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53610AUC30X ONSEMI-FAN53610AUC30X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53610AUC33X ONSEMI-FAN53610AUC33X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Fairchild Semiconductor
FAN53611 FAIRCHILD-FAN53611 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
More results

유사한 설명 - FAN5361_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com