전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5402UCX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN5402UCX
상세설명  USB-Compliant Single-Cell Li-Ion Switching Charger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5402UCX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN5402UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5402UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5402UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5402UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5402UCX Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.2
2
Ordering Information
Part Number
Temperature Range
Package
PN Bits: IC_INFO[4:3]
Packing Method
FAN5400UCX
-40 to 85°C
20- Bump, Wafer-
Level Chip-Scale
Package (WLCSP),
0.4mm Pitch,
Estimated Size: 1.96
x 1.87mm
01
Tape and Reel
FAN5401UCX
-40 to 85°C
00
Tape and Reel
FAN5402UCX
-40 to 85°C
01
Tape and Reel
FAN5403UCX
-40 to 85°C
10
Tape and Reel
FAN5404UCX
-40 to 85°C
11
Tape and Reel
FAN5405UCX
-40 to 85°C
10
Tape and Reel
Table 1. Feature Comparison Summary
Part
Number
PN Bits:
REG3[4:3]
Slave
Address
Automatic
Charge
Special
Charger
(1)
Safety
Limits
Battery
Absent
Behavior
E2 Pin
VREG
(E3 Pin)
FAN5400
01
1101011
Yes
No
No
OFF
AUXPWR
(Connect to
VBAT)
PMID
FAN5401
00
1101011
No
No
No
OFF
FAN5402
01
1101011
Yes
No
No
ON
FAN5403
10
1101011
Yes
Yes
Yes
OFF
DISABLE
1.8V
FAN5404
11
1101011
No
Yes
Yes
OFF
FAN5405
10
1101010
Yes
Yes
Yes
ON
Note:
1.
Special charger is a current limited charger that is not a USB compliant source.
Table 2. Recommended External Components
Component
Description
Vendor
Parameter
Typ.
Unit
L1
1
μH, 20%, 1.3A, 2016
Murata: LQM2MPN1R0M
or Equivalent
L
1.0
μH
DCR (Series R)
85
m
Ω
CBAT
10
μF, 20%, 6.3V, X5R, 0603
Murata: GRM188R60J106M
TDK: C1608X5R0J106M
C
10
μF
CMID
4.7
μF, 10%, 6.3V, X5R, 0603
Murata: GRM188R60J475K
TDK: C1608X5R0J475K
C
(2)
4.7
μF
CBUS
1.0
μF, 10%, 25V, X5R, 0603
Murata GRM188R61E105K
TDK:C1608X5R1E105M
C
1.0
μF
Note:
2.
6.3V rating is sufficient for CMID since PMID is protected from over-voltage surges on VBUS by Q3 (Figure 3).


유사한 부품 번호 - FAN5402UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5402 FAIRCHILD-FAN5402 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
More results

유사한 설명 - FAN5402UCX

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com