전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6300H 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN6300H
상세설명  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300H 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN6300H Datasheet HTML 1Page - Fairchild Semiconductor FAN6300H Datasheet HTML 2Page - Fairchild Semiconductor FAN6300H Datasheet HTML 3Page - Fairchild Semiconductor FAN6300H Datasheet HTML 4Page - Fairchild Semiconductor FAN6300H Datasheet HTML 5Page - Fairchild Semiconductor FAN6300H Datasheet HTML 6Page - Fairchild Semiconductor FAN6300H Datasheet HTML 7Page - Fairchild Semiconductor FAN6300H Datasheet HTML 8Page - Fairchild Semiconductor FAN6300H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A / FAN6300H • Rev. 1.0.1
3
Internal Block Diagram
CS
8
6
2
3
1
4
7
5
0.3 V
DRV
GN D
VD D
Tw o Steps
UVLO
16 V/10 V/ 8V
Internal
Bias
Latched
18 V
GA TE
DET
FB
NC
HV
Latched
4.2V
2R
R
Soft -Start
5m s
PW M
C urrent Lim it
I DET
Internal
OTP
Latched
S/ H
Blanking
Circuit
tOFF -MIN
IDET
5V
DET OVP
2. 5V
t
OFF
Blanking
Q
Q
SE T
CL R
S
R
FB OLP
Tim er
52 m s
Over-Pow er
C om pensation
VDET
Starter
30 µs
Latched
Valley
Detector
0.3 V
27 V
OVP
V DET
IHV
tTIME -OU T
2.1m s
Figure 2. Functional Block Diagram
Marking Information
Figure 3. Marking Diagram
: Fairchild Logo
Z: Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
T: Package Type (N = DIP, M = SOP)
P: Y = Green Package
M: Manufacturing Flow Code


유사한 부품 번호 - FAN6300H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6300H FAIRCHILD-FAN6300H Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN6300HMY ONSEMI-FAN6300HMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

유사한 설명 - FAN6300H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com