전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K1050Y 데이터시트(PDF) 5 Page - Littelfuse

부품명 K1050Y
상세설명  SIDACs feature glass-passivated junctions to ensure a rugged and dependable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K1050Y 데이터시트(HTML) 5 Page - Littelfuse

  K1050Y Datasheet HTML 1Page - Littelfuse K1050Y Datasheet HTML 2Page - Littelfuse K1050Y Datasheet HTML 3Page - Littelfuse K1050Y Datasheet HTML 4Page - Littelfuse K1050Y Datasheet HTML 5Page - Littelfuse K1050Y Datasheet HTML 6Page - Littelfuse K1050Y Datasheet HTML 7Page - Littelfuse K1050Y Datasheet HTML 8Page - Littelfuse K1050Y Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
317
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
V
DC(IN)
≥ V
B0
V
C
I
L
R
L
R
SIDAC
(a) Circuit
R
max
V
IN
- V
BO
I
BO
R
min≥
V
IN
- V
TM
I
H (MIN)
(b) Waveforms
V
BO
V
C
I
L
t
t
C
Figure 13: Relaxation Oscillator Using a SIDAC
Figure 14: Low-voltage Input Circuit for Gas Ignition
4.7 μF
100 V
10 μF
50 V
24 V ac
60 Hz
4.7 μF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2 μF
4.7 k
-
+
-
+
+
-
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
Sidac
120 V ac
60 Hz
16 mH
3.3 k
0.47 μF
400 V
Ballast
Sidac
220 V ac
60 Hz
7.5 k
0.22 μF
Ballast
Lamp
120 V ac
220 V ac
Lamp
Figure 15: Comparison of SIDAC versus SCR for Gas
Ignitor Circuit
Figure 17: Typical High-pressure Sodium Lamp Firing Circuit
Figure 16: Xenon Lamp Flashing Circuit
-
+
+
-
Xenon Lamp
K2200G
10 μF
2 W
120 V ac
60 Hz
10 μF
450 V
4 kV
0.01 μF
400 V
20 M
Sidac
200-
400 V
100
250 V
Trigger
Transformer
20:1


유사한 부품 번호 - K1050Y

제조업체부품명데이터시트상세설명
logo
Littelfuse
K1050Y LITTELFUSE-K1050Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1050yURP LITTELFUSE-K1050yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

유사한 설명 - K1050Y

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
   Glass passivated junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com