전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN7530 데이터시트(PDF) 24 Page - Fairchild Semiconductor

부품명 FAN7530
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 데이터시트(HTML) 24 Page - Fairchild Semiconductor

Back Button FAN7530 Datasheet HTML 20Page - Fairchild Semiconductor FAN7530 Datasheet HTML 21Page - Fairchild Semiconductor FAN7530 Datasheet HTML 22Page - Fairchild Semiconductor FAN7530 Datasheet HTML 23Page - Fairchild Semiconductor FAN7530 Datasheet HTML 24Page - Fairchild Semiconductor FAN7530 Datasheet HTML 25Page - Fairchild Semiconductor FAN7530 Datasheet HTML 26Page - Fairchild Semiconductor FAN7530 Datasheet HTML 27Page - Fairchild Semiconductor FAN7530 Datasheet HTML 28Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
24
Step 4: Output Capacitance
OUT,RIPPLE
OUT
LINE,MIN
OUT
)
OUT(RIPPLE
V
V
f
4
P
C
(7)
2
OUT,MIN
2
OUT,RIPPLE
OUT
HOLD
OUT
OUT(HOLD)
V
2
V
V
t
P
2
C


(8)
The output capacitance must be calculated by two
different methods. The first equation determines the
capacitor value based on the allowable ripple voltage at
the minimum line frequency. It is important to remember
that the scaled version of this ripple is present at the FB
pin. The feedback voltage is continuously monitored by
the non-latching over voltage protection circuit. Its
threshold is about 8% higher the nominal output voltage.
To avoid triggering the OVP protection during normal
operation, VOUT,RIPPLE should be limited to less 12% of
the nominal output voltage, VOUT.
The second expression yields the minimum output
capacitance based on the required hold-up time based
on the power supply specification. Ultimately, the larger
of the two values satisfies both design requirements and
has to be selected for COUT.
Step 5: Boost Inductance per Channel
CH
MAX,
OUT
MIN
SW,
OFF
LINE,
OUT
2
OFF
LINE,
OFF
LINE,
P
V
f
2
V
2
V
V
η
L
(9)
CH
MAX,
OUT
SW,MIN
LINE,MAX
OUT
2
LINE,MAX
LINE,MAX
P
V
f
2
V
2
V
V
η
L
(10)
The minimum switching frequency can occur either at
the lowest or at the highest input line voltage.
Accordingly, two boost inductor values are calculated
and the lower of the two inductances must be selected.
This L value keeps the minimum operating frequency
above fSW,MIN under all operating conditions.
Step 6: Maximum On-Time per Channel
2
OFF
LINE,
CH
MAX,
MAX
ON,
V
η
P
L
2
t
(11)
Step 7: Peak Inductor Current per Channel
ON,MAX
OFF
LINE,
L,PK
t
L
V
2
I
(12)
Step 8: Maximum DC Output Current
OUT
CH
MAX,
OUT,MAX
V
P
2
I
(13)
Step 9: Zero Current Detect Resistors
0.5mA
N
V
0.5
R
R
OUT
ZCD2
ZCD1
(14)
where 0.5·VOUT is the maximum amplitude of the
resonant waveform across the boost inductor during
zero current detection; N is the turns ratio of the boost
inductor and the auxiliary winding utilized for the zero
current detection; and 0.5mA is the maximum current of
the ZCD pin during the zero current detection period.
Step 10: Maximum On-Time Setting
Resistor
MAX
ON,
6
MOT
t
10
4340
R
(15)
where RMOT should be between 40k and 130k.
Step 11: Output Voltage Setting Resistors
(Feedback)
FB
FB
OUT
FB2
I
3V
P
V
3V
R
(16)
where 3V is the reference voltage of the error amplifier
at its non-inverting input and PFB or IFB are selected by
the designer. If the power loss associated to the
feedback divider is critical to meet stand-by power
consumption regulations, it might be beneficial to start
the calculation by choosing PFB. Otherwise, the current
of feedback divider, IFB should be set to approximately
0.4mA at the desired output voltage set point. This value
ensures that parasitic circuit board and pin capacitances
do not introduce unwanted filtering effect in the
feedback path.
If the feedback divider is used to provide startup power
for the FAN9611/12 (see AN-6086 for implementation
details)
, the following equation is used to calculate RFB2:
OUT
ON
LINE,
FB2
V
0.12mA
0.7V
3
12.5V
V
2
3V
R
(17)
where 3V is the reference voltage of the error amplifier
at its non-inverting input; 12.5V is the controller’s UVLO
turn-on threshold; 0.12mA is the worst-case startup
current required to start operation; and 3·0.7V accounts
for the forward voltage drop of three diodes in series of
the startup current. Once the value of RFB2 is
determined, RFB1 is given by the following formula:
FB2
OUT
FB1
R
1
3V
V
R


(18)
RFB1 can be implemented as a series combination of two
or three resistors; depending on safety regulations,
maximum voltage, and or power rating of the selected
resistor type.


유사한 부품 번호 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

유사한 설명 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com