전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN7530 데이터시트(PDF) 33 Page - Fairchild Semiconductor

부품명 FAN7530
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 데이터시트(HTML) 33 Page - Fairchild Semiconductor

Back Button FAN7530 Datasheet HTML 29Page - Fairchild Semiconductor FAN7530 Datasheet HTML 30Page - Fairchild Semiconductor FAN7530 Datasheet HTML 31Page - Fairchild Semiconductor FAN7530 Datasheet HTML 32Page - Fairchild Semiconductor FAN7530 Datasheet HTML 33Page - Fairchild Semiconductor FAN7530 Datasheet HTML 34Page - Fairchild Semiconductor FAN7530 Datasheet HTML 35Page - Fairchild Semiconductor FAN7530 Datasheet HTML 36Page - Fairchild Semiconductor FAN7530 Datasheet HTML 37Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
33
Evaluation Board
FEB388: 400W Evaluation Board Using FAN9611/12
FEB388 is an evaluation board for an interleaved dual
boundary-conduction-mode PFC converter rated at
400W (400V/1A) power. With phase management, the
efficiency is maintained above 96% even down at 10%
of the rated output power. The efficiencies for full-load
condition exceed 96% as shown below.
Figure 63 and Figure 64 show the phase management
with the default minimum threshold values of the IC.
They can be adjusted upwards to achieve a different
efficiency profile (Figure 65 and Figure 66) where phase
management thresholds are adjusted to 30% / 44% of
the full load. For full specification, design schematic, bill
of materials and test results; see FEB388 — FAN9611/12
400W Evaluation Board User Guide (AN-9717).
Input Voltage
Rated Output Power
Output Voltage (Rated Current)
VIN Nominal: 85V~264VAC
VDD Supply: 13V~18VDC
400W
400V (1A)
FIGURE 63.
Measured Efficiency at 115VAC
(Default Thresholds)
FIGURE 64.
Measured Efficiency at 230VAC
(Default Thresholds)
Figure 65. Measured Efficiency at 115VAC
(Adjusted Thresholds)
Figure 66. Measured Efficiency at 230VAC
(Adjusted Thresholds)
FAN9612 Efficiency vs. Load
(115 VAC Input, 400 VDC Output, 400W)
85
90
95
100
0
102030405060708090
100
Output Power (%)
With Phase Management
Without Phase Management
FAN9612 Efficiency vs. Load
(230 VAC Input, 400 VDC Output, 400W)
85
90
95
100
0
10
2030
4050
60
708090
100
Output Power (%)
With Phase Management
Without Phase Management


유사한 부품 번호 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

유사한 설명 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com