전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN7530 데이터시트(PDF) 34 Page - Fairchild Semiconductor

부품명 FAN7530
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 데이터시트(HTML) 34 Page - Fairchild Semiconductor

Back Button FAN7530 Datasheet HTML 29Page - Fairchild Semiconductor FAN7530 Datasheet HTML 30Page - Fairchild Semiconductor FAN7530 Datasheet HTML 31Page - Fairchild Semiconductor FAN7530 Datasheet HTML 32Page - Fairchild Semiconductor FAN7530 Datasheet HTML 33Page - Fairchild Semiconductor FAN7530 Datasheet HTML 34Page - Fairchild Semiconductor FAN7530 Datasheet HTML 35Page - Fairchild Semiconductor FAN7530 Datasheet HTML 36Page - Fairchild Semiconductor FAN7530 Datasheet HTML 37Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
34
Table 1.
Related Products
Part
Number
Description
PFC Control
Number
of Pins
Comments
FAN6961
Green Mode PFC
Single BCM (CRM)
8
Industry Standard Pin-Out with
Green Mode Functions
FAN7527B Boundary Mode PFC Control IC
Single BCM (CRM)
8
Industry Standard Pin-Out
FAN7528
Dual Output Critical Conduction
Mode PFC Controller
Single BCM (CRM)
8
Low THD for Boost-Follower
Implementation
FAN7529
Critical Conduction Mode PFC
Controller
Single BCM (CRM)
8
Low THD
FAN7530
Critical Conduction Mode PFC
Controller
Single BCM (CRM)
8
Low THD, Alternate Pin-Out of
FAN7529 (Pins 2 and 3 Reversed)
FAN7930
Critical Conduction Mode PFC
Controller
Single BCM (CRM)
8
PFC Ready pin, Frequency Limit,
AC-Line-Absent Detection, Soft-
Start to Minimize Overshoot,
Integrated THD Optimizer, TSD
FAN9611
Interleaved Dual BCM PFC
Controller
Dual BCM (CRM)
16
Dual BCM (CRM), 180°
Out-of-Phase, 10.0V UVLO
FAN9612
Interleaved Dual BCM PFC
Controller
Dual BCM (CRM)
16
Dual BCM (CRM), 180°
Out-of-Phase, 12.5V UVLO
Related Resources
 AN-6086: Design Consideration for Interleaved Boundary Conduction Mode (BCM) PFC Using FAN9612
 AN-9717: Fairchild Evaluation Board User Guide FEB388: 400W Evaluation Board using FAN9611/12
 AN-8021: Building Variable Output Voltage Boost PFC Converters Using FAN9612
References
1.
L. Huber, B. Irving, C. Adragna and M. Jovanovich, “Implementation of Open-Loop Control for Interleaved
DCM/BCM Boundary Boost PFC Converters”, Proceedings of APEC ’08, pp. 1010-1016.
2.
C. Bridge and L. Balogh, “Understanding Interleaved Boundary Conduction Mode PFC Converters”,
Fairchild Power Seminars, 2008-2009.


유사한 부품 번호 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

유사한 설명 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com