전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN7530 데이터시트(PDF) 17 Page - Fairchild Semiconductor

부품명 FAN7530
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 데이터시트(HTML) 17 Page - Fairchild Semiconductor

Back Button FAN7530 Datasheet HTML 13Page - Fairchild Semiconductor FAN7530 Datasheet HTML 14Page - Fairchild Semiconductor FAN7530 Datasheet HTML 15Page - Fairchild Semiconductor FAN7530 Datasheet HTML 16Page - Fairchild Semiconductor FAN7530 Datasheet HTML 17Page - Fairchild Semiconductor FAN7530 Datasheet HTML 18Page - Fairchild Semiconductor FAN7530 Datasheet HTML 19Page - Fairchild Semiconductor FAN7530 Datasheet HTML 20Page - Fairchild Semiconductor FAN7530 Datasheet HTML 21Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
17
12. Bias Supply (VDD)
This is the main bias source for the FAN9611/12. The
operating voltage range is between 8V and 18V. The
VDD voltage is monitored by the under-voltage lockout
(UVLO) circuit. At power-up, the VDD voltage must
exceed 10.0V (±0.5V) for FAN9611 and exceed 12.5V
(±0.5V) for FAN9612 to enable operation. Both the
FAN9611 and the FAN9612 stops operating when the
VDD voltage falls below 7.5V (±0.5V). See PGND pin
description for important bypass information.
13. Current-Sense Protection (CS1, CS2)
The
FAN9611/12
uses
independent
over-current
protection for each of the power MOSFETs. The
current-sense thresholds at the CS1 and CS2 pins are
approximately 0.2V. The current measurements are
strictly for protection purposes and are not part of the
control algorithm. The pins can be directly connected to
the non-grounded end of the current-sense resistors
because the usual R-C filters of the leading-edge
current spike are integrated in the IC.
Figure 26. Current-Sense Protection Circuits
The time constant of the internal filter is approximately:
ns
pF
k
130
5
27
or
MHz
pF
k
P
2
.
1
5
27
2
1
(4)


유사한 부품 번호 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

유사한 설명 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com