전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN7530 데이터시트(PDF) 18 Page - Fairchild Semiconductor

부품명 FAN7530
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 데이터시트(HTML) 18 Page - Fairchild Semiconductor

Back Button FAN7530 Datasheet HTML 14Page - Fairchild Semiconductor FAN7530 Datasheet HTML 15Page - Fairchild Semiconductor FAN7530 Datasheet HTML 16Page - Fairchild Semiconductor FAN7530 Datasheet HTML 17Page - Fairchild Semiconductor FAN7530 Datasheet HTML 18Page - Fairchild Semiconductor FAN7530 Datasheet HTML 19Page - Fairchild Semiconductor FAN7530 Datasheet HTML 20Page - Fairchild Semiconductor FAN7530 Datasheet HTML 21Page - Fairchild Semiconductor FAN7530 Datasheet HTML 22Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
18
Application Information
1.
Synchronization and Timing Functions
The
FAN9611/12
employs
a
sophisticated
synchronization sub-system. At the heart of the system
is a dual-channel switching-frequency detector that
measures the switching period of each channel in every
switching cycle and locks their operating phase 180
degrees out of phase from each other. The slower
operating frequency channel is dominant, but there is no
master-slave arrangement. Moreover, as the frequency
constantly changes due to the varying input voltage,
either channel can be the slower dominant channel.
As opposed to the most common technique, where the
phase relationship between the channels is provided by
changing the on-time of one of the MOSFETs, the
FAN9611/12 controls the phase relationship by inserting
a turn-on delay before the next switching period starts
for the faster running phase. As shown in the
literature
[1], the on-time modulation technique is not
stable under all operating conditions, while the off-time
modulation (or delaying the turn-on) is unconditionally
stable under all operating conditions.
a.
Restart Timer and Dead-Phase Detect
Protection
The restart timer is an integral part of the Sync-Lock™
synchronizing circuit. It ensures exact 180-degree out-
of-phase operation in restart timer operation. This is an
important safety feature. In the case of a non-operating
phase due to no ZCD detection, missing gate drive
connection (for example no gate resistor), one of the
power components failing in an open circuit, or similar
errors, the other phase is locked into restart timer
operation, preventing it from trying to deliver full power
to the load. This is called the dead-phase detect
protection.
The restart timer is set to approximately 16.5kHz, just
above the audible frequency range, to avoid any
acoustic noise generation.
b.
Frequency Clamp
Just as the restart timer, the frequency clamp is
integrated into the synchronization and ensures exact
180-degree out-of-phase operation when the operating
frequency is limited. This might occur at very light-load
operation or near the zero crossing region of the line
voltage waveform. Limiting the switching frequency at
light load can improve efficiency, but has a negative
effect on power factor since the converter also enters
true DCM operation. The frequency clamp is set to
approximately 525kHz.
2.
FAN9612 Startup with 12V Bias (Less than
UVLO)
The FAN9612 (not FAN9611) is designed so that the
controller can start even if the auxiliary bias voltage is
less than the controller’s under-voltage lockout start
threshold. This is useful if the auxiliary power is 12V or
below. This configuration also allows bias power
designs using a bootstrap winding to start the FAN9612
without a dedicated startup resistor.
In the boost PFC topology, the output voltage is pre-
charged to the peak line voltage by the boost diode. As
soon as voltage is present at the output of the boost
converter, current starts to flow through the feedback
resistors from the boost output to GND. Using an
external low-voltage MOSFET in series with the lower
resistor in the feedback divider, as shown in Figure 27;
this current can be diverted to charge the VDD bypass
capacitor of the controller. The upper resistor becomes
a current source to charge the capacitor. To accomplish
this, a small external diode should be connected
between the VDD and FB pins.
As VDD rises past the under-voltage lockout threshold of
the IC, the 5V reference is turned on, which turns on the
external MOSFET and connects the resistor of the
feedback divider to ground. The IC checks if the FB
voltage is below 3.22V, ensuring that the FB pin is in its
normal operating voltage range, before enabling the rest
of the IC operation. The diode between the FB pin and
the VDD pin is reverse biased and the FB pin reverts to
its normal role of output voltage sensing. A simplified
circuit implementation for this proprietary startup method
is shown in Figure 27.
If, for whatever reason, the bias to the IC drops below
the under-voltage lockout level, the startup process is
repeated.
Figure 27. Simplified FAN9612 Startup Circuit Using
the Output Feedback Resistors to Provide a
Charging Current


유사한 부품 번호 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

유사한 설명 - FAN7530

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com