전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XX1007-QT 데이터시트(PDF) 6 Page - Mimix Broadband

부품명 XX1007-QT
상세설명  13.5-17.0/27.0-34.0 GHz Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIMIX [Mimix Broadband]
홈페이지  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1007-QT 데이터시트(HTML) 6 Page - Mimix Broadband

  XX1007-QT Datasheet HTML 1Page - Mimix Broadband XX1007-QT Datasheet HTML 2Page - Mimix Broadband XX1007-QT Datasheet HTML 3Page - Mimix Broadband XX1007-QT Datasheet HTML 4Page - Mimix Broadband XX1007-QT Datasheet HTML 5Page - Mimix Broadband XX1007-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
13.5-17.0/27.0-34.0 GHz Doubler
QFN, 3X3mm
X1007-QT
Handling and Assembly Information
Ordering Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation.The package is a low-cost plastic package.Vacuum tools or other suitable pick and place
equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder
connection so that good RF, DC and ground connections are maintained.Voids or gaps can eventually lead not only to RF
performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matte tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
Part Number for Ordering
Description
XX1007-QT-0G00
Matte Tin plated RoHS compliant QFN 3x3 16L surface mount package in bulk quantity
XX1007-QT-0G0T
Matte Tin plated RoHS compliant QFN 3x3 16L surface mount package in tape and reel
XX1007-QT-EV1
XX1007-QT Evaluation Board
We also offer this part with alternative plating. Please contact your regional sales manager for more information regarding different
plating types.
Typical Reflow Profiles
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
Ca u t i o n : E S D S e n s i t i ve
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 13-Mar-10


유사한 부품 번호 - XX1007-QT

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT Datasheet
758Kb / 6P
   Doubler
logo
Mimix Broadband
XX1007-QT-0G00 MIMIX-XX1007-QT-0G00 Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-QT-0G0T MIMIX-XX1007-QT-0G0T Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-QT-EV1 MIMIX-XX1007-QT-EV1 Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
More results

유사한 설명 - XX1007-QT

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com