전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBH0370 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FSBH0370
상세설명  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0370 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FSBH0370 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 10Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
7
Electrical Characteristics (Continued)
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Control Section
VDD Section
VDD-ON
Start Threshold Voltage
11
12
13
V
VDD-OFF
Minimum Operating Voltage
7
8
9
V
IDD-ST
Startup Current
FSBH0170
FSBH0270
FSBH0370
VDD-ON – 0.16V
30
µA
FSBH0F70A
FSBH0170A
FSBH0270A
VDD-ON – 0.16V
240
320
400
IDD-OP
Operating Supply Current
VDD = 15V, VFB = 3V
3.0
3.5
4.0
mA
IDD-ZDC
Operating Current for VFB<VFB-ZDC
VDD = 12V, VFB = 1.6V
1.5
2.5
3.5
mA
IDD-OLP
Internal Sink Current
VTH-OLP+0.1V
30
70
90
µA
VTH-OLP
IDD-OLP Off Voltage
5
6
7
V
VDD-OVP
VDD Over-Voltage Protection
27
28
29
V
tD-VDD-OVP
VDD Over-Voltage Protection
Debounce Time
75
130
200
µs
HV Section
IHV
Maximum Current Drawn from HV Pin
HV 120VDC,
VDD = 0V with 10µF
1.5
3.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV = 700V,
VDD = VDD-OFF+1V
1
20
µ
A
Oscillator Section
fOSC
Frequency in Nominal Mode
Center Frequency
94
100
106
kHz
fOSC-G
Green-Mode Frequency
14
18
22
kHz
DMAX
Maximum Duty Cycle
85
%
fDV
Frequency Variation vs. VDD Deviation
VDD = 11V to 22V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
(10)
TA = -25 to 85°C
5
%
VIN Section (FSBH0170, FSBH0270, FSBH0370)
VIN-ON
PWM Turn-On Threshold Voltage
1.08
1.13
1.18
V
VIN-OFF
PWM Turn-Off Threshold Voltage
VIN-ON
0.48
VIN-ON
0.54
VIN-ON
0.60
V
tIN-OFF
PWM Turn-Off Debounce Time
500
ms
VIN-H
Pull-HIGH Latch Trigger Level
4.4
4.7
5.0
V
tIN-H
Pull-HIGH Latch Debounce Time
100
µs
VIN-L
Pull-LOW Auto-Recovery Trigger
Level
0.2
0.3
0.4
V
Feedback Input Section
AV
FB Voltage to Current-Sense
Attenuation
1/4.5
1/4.0
1/3.5
V/V
ZFB
Input Impedance
4
7
kΩ
Continued on the following page…


유사한 부품 번호 - FSBH0370

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370NY FAIRCHILD-FSBH0370NY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0370NY_F116 FAIRCHILD-FSBH0370NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

유사한 설명 - FSBH0370

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com