전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBH0170NY_F116 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FSBH0170NY_F116
상세설명  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170NY_F116 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBH0170NY_F116 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 10Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 11Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 12Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 13Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 14Page - Fairchild Semiconductor FSBH0170NY_F116 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
11
Typical Characteristics
Figure 22.
VFB-G vs. Temperature
Figure 23.
VFB-ZDC vs. Temperature
Figure 24.
IDD-ZDC vs. Temperature
Figure 25.
tD-OLP vs. Temperature
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
1.200
1.300
1.400
1.500
1.600
1.700
1.800
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
51.5
52.0
52.5
53.0
53.5
54.0
54.5
55.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)


유사한 부품 번호 - FSBH0170NY_F116

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBH0170NY FAIRCHILD-FSBH0170NY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170NY FAIRCHILD-FSBH0170NY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

유사한 설명 - FSBH0170NY_F116

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com