전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX25J6 데이터시트(PDF) 8 Page - Littelfuse

부품명 QXX25J6
상세설명  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25J6 데이터시트(HTML) 8 Page - Littelfuse

Back Button QXX25J6 Datasheet HTML 3Page - Littelfuse QXX25J6 Datasheet HTML 4Page - Littelfuse QXX25J6 Datasheet HTML 5Page - Littelfuse QXX25J6 Datasheet HTML 6Page - Littelfuse QXX25J6 Datasheet HTML 7Page - Littelfuse QXX25J6 Datasheet HTML 8Page - Littelfuse QXX25J6 Datasheet HTML 9Page - Littelfuse QXX25J6 Datasheet HTML 10Page - Littelfuse QXX25J6 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
124
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Dimensions — TO-263 (N Package) — D2Pak Surface Mount
Dimensions — TO-218AC (K Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1.47
1.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
Q
0.008
0.016
0.20
0.41
R
0.008
0.016
0.20
0.41
U
0.164
0.165
4.10
4.20
W
0.085
0.095
2.17
2.42
G
B
A
W
F
D
V
S
MT1
MT2
T
C MEA SURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 IN2
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
C
D
H
G
F
B
A
E
TC Measurement Point
U (diameter)
P
Gate
J
MT2
MT1
M
N
K
L
R
Q
W
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


유사한 부품 번호 - QXX25J6

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Qxx25J6 LITTELFUSE-Qxx25J6 Datasheet
758Kb / 11P
   RoHS compliant
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

유사한 설명 - QXX25J6

제조업체부품명데이터시트상세설명
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com