전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX15LRY 데이터시트(PDF) 7 Page - Littelfuse

부품명 QXX15LRY
상세설명  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX15LRY 데이터시트(HTML) 7 Page - Littelfuse

  QXX15LRY Datasheet HTML 1Page - Littelfuse QXX15LRY Datasheet HTML 2Page - Littelfuse QXX15LRY Datasheet HTML 3Page - Littelfuse QXX15LRY Datasheet HTML 4Page - Littelfuse QXX15LRY Datasheet HTML 5Page - Littelfuse QXX15LRY Datasheet HTML 6Page - Littelfuse QXX15LRY Datasheet HTML 7Page - Littelfuse QXX15LRY Datasheet HTML 8Page - Littelfuse QXX15LRY Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
113
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
G
0.540
0.575
13.72
14.60
H
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
Dimensions — TO-220AB (L-Package) — Isolated Mounting Tab
Dimensions — TO-263AB (N-Package) — D2Pak Surface Mount
K
J
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
AREA (REF.) 0.17 IN2
MT2
O
P
N
M
MT1
GATE
.320
8.13
.526
13.36
.276
7.01
G
B
A
W
D
F
V
S
MT1
MT2
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
.055
1.40
.350
8.89
.276
7.01
AREA: 0.11
T
C MEASURING POINT
IN2
1168
2.16
7.01
.276
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


유사한 부품 번호 - QXX15LRY

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx15L5 LITTELFUSE-Qxx15L5 Datasheet
939Kb / 9P
   RoHS Compliant
QXX15LT LITTELFUSE-QXX15LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX15LTH LITTELFUSE-QXX15LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX15LTHTP LITTELFUSE-QXX15LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

유사한 설명 - QXX15LRY

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com