전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX15NYRP 데이터시트(PDF) 9 Page - Littelfuse

부품명 QXX15NYRP
상세설명  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX15NYRP 데이터시트(HTML) 9 Page - Littelfuse

  QXX15NYRP Datasheet HTML 1Page - Littelfuse QXX15NYRP Datasheet HTML 2Page - Littelfuse QXX15NYRP Datasheet HTML 3Page - Littelfuse QXX15NYRP Datasheet HTML 4Page - Littelfuse QXX15NYRP Datasheet HTML 5Page - Littelfuse QXX15NYRP Datasheet HTML 6Page - Littelfuse QXX15NYRP Datasheet HTML 7Page - Littelfuse QXX15NYRP Datasheet HTML 8Page - Littelfuse QXX15NYRP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
115
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Part Marking System
Part Numbering System
Q 60 16 L H4 56
DEVICE TYPE
Q: Triac or Alternistor
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
15: 15A
16: 16A
SENSITIVITY & TYPE
Standard Triac
5: 50mA (QI, II, III)
Alternistor Triac
H2: 10mA (QI, II, III)
H3: 20mA (QI, II, III)
H4: 35mA (QI, II, III)
H6: 80mA (QI, II, III)
PACKAGE TYPE
L: TO-220 Isolated
R: TO-220 Non-Isolated
N: TO-263 (D2-Pak)
LEAD FORM DIMENSIONS
xx: Lead Form Option
®
®
MY
M
Y
Q6016RH4
Q6016LH4
Gate
MT1
MT2
0.512 (13.0) Arbor
Hole Dia.
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
*Cover tape
0.059 DIA
(1.5)
TO-263 Embossed Carrier Reel Pack (RP)
Meets all EIA-481-2 Standards


유사한 부품 번호 - QXX15NYRP

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX15N5 LITTELFUSE-QXX15N5 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx15N5 LITTELFUSE-Qxx15N5 Datasheet
939Kb / 9P
   RoHS Compliant
More results

유사한 설명 - QXX15NYRP

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com