전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX15LTHTP 데이터시트(PDF) 8 Page - Littelfuse

부품명 QXX15LTHTP
상세설명  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX15LTHTP 데이터시트(HTML) 8 Page - Littelfuse

  QXX15LTHTP Datasheet HTML 1Page - Littelfuse QXX15LTHTP Datasheet HTML 2Page - Littelfuse QXX15LTHTP Datasheet HTML 3Page - Littelfuse QXX15LTHTP Datasheet HTML 4Page - Littelfuse QXX15LTHTP Datasheet HTML 5Page - Littelfuse QXX15LTHTP Datasheet HTML 6Page - Littelfuse QXX15LTHTP Datasheet HTML 7Page - Littelfuse QXX15LTHTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
162
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx04LT
Qxx04LT
2.2 g
Bulk
500
Qxx04LTTP
Qxx04LT
2.2 g
Tube
500 (50 per tube)
Qxx06LT
Qxx06LT
2.2 g
Bulk
500
Qxx06LTTP
Qxx06LT
2.2 g
Tube
500 (50 per tube)
Qxx06LTH
Qxx06LTH
2.2 g
Bulk
500
Qxx06LTHTP
Qxx06LTH
2.2 g
Tube
500 (50 per tube)
Qxx08LT
Qxx08LT
2.2 g
Bulk
500
Qxx08LTTP
Qxx08LT
2.2 g
Tube
500 (50 per tube)
Qxx08LTH
Qxx08LTH
2.2 g
Bulk
500
Qxx08LTHTP
Qxx08LTH
2.2 g
Tube
500 (50 per tube)
Qxx10LT
Qxx10LT
2.2 g
Bulk
500
Qxx10LTTP
Qxx10LT
2.2 g
Tube
500 (50 per tube)
Qxx10LTH
Qxx10LTH
2.2 g
Bulk
500
Qxx10LTHTP
Qxx10LTH
2.2 g
Tube
500 (50 per tube)
Qxx15LT
Qxx15LT
2.2 g
Bulk
500
Qxx15LTTP
Qxx15LT
2.2 g
Tube
500 (50 per tube)
Qxx15LTH
Qxx15LTH
2.2 g
Bulk
500
Qxx15LTHTP
Qxx15LTH
2.2 g
Tube
500 (50 per tube)
Note: xx = Voltage
Part Marking System
Part Numbering System
Q 60 10 L T H 56
DEVICE TYPE
Q: Quadrac
VOLTAGE RATING
40: 400V
60: 600V
CURRENT RATING
04: 4A
06: 6A
08: 8A
10: 10A
15: 15A
Trigger
T: Internal Diac (33V – 43V)
PACKAGE TYPE
L: TO-220 (Isolated)
LEAD FORM DIMENSIONS
xx: Lead Form Option
TRIAC TYPE
(blank): Standard Triac
H: Alternistor Triac
®
MY
Q6010LTH


유사한 부품 번호 - QXX15LTHTP

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx15L5 LITTELFUSE-Qxx15L5 Datasheet
939Kb / 9P
   RoHS Compliant
QXX15LRY LITTELFUSE-QXX15LRY Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15LRYTP LITTELFUSE-QXX15LRYTP Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results

유사한 설명 - QXX15LTHTP

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com