전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8296HN 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8296HN
상세설명  Digital global standard low IF demodulator for analog TV and FM radio
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8296HN 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8296HN Datasheet HTML 1Page - NXP Semiconductors TDA8296HN Datasheet HTML 2Page - NXP Semiconductors TDA8296HN Datasheet HTML 3Page - NXP Semiconductors TDA8296HN Datasheet HTML 4Page - NXP Semiconductors TDA8296HN Datasheet HTML 5Page - NXP Semiconductors TDA8296HN Datasheet HTML 6Page - NXP Semiconductors TDA8296HN Datasheet HTML 7Page - NXP Semiconductors TDA8296HN Datasheet HTML 8Page - NXP Semiconductors TDA8296HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
TDA8296
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2011
5 of 87
NXP Semiconductors
TDA8296
Digital global standard low IF demodulator for analog TV and FM radio
[1]
The pull-in range can be doubled to
±1660 kHz by I2C-bus register like described in Table 16. Then the AFC read-out has 256 steps.
[2]
To set audio gain to +6 dB for internal sound demodulation, register 22h has to be programmed to 08h.
5.
Ordering information
THD
total harmonic distortion
FM; for 50 kHz deviation before
pre-emphasis (25 kHz for M standard)
-
0.15
0.3
%
AM; m = 80 %
-
0.5
1
%
BAF(−3dB)
−3 dB AF bandwidth
AM
20
27
-
kHz
FM
40
50
-
kHz
(S/N)w(AF)
AF weighted
signal-to-noise ratio
via internal mono sound demodulator;
“ITU-R BS.468-4”; FM mode related to
27 kHz deviation before pre-emphasis;
10 % residual PC; SC1; color bar picture
52
54
-
dB
via internal mono sound demodulator;
(audio gain +6 dB) “ITU-R BS.468-4”;
AM; m = 54 %; 3 % residual PC; SC1;
color bar picture
[2] 40
44
-
dB
Table 1.
Quick reference data …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC/SC1 for L and M = 10 dB, all others 13 dB; nominal residual picture carrier of
3 % for L/L’ , 10 % for M, 10 % for B/G, 12.5 % for D/K, 20 % for I; FM/AM modulation = 54 %, 1 kHz modulation frequency;
measured in application PCB (see Figure 22 and Figure 23) with 16 MHz crystal frequency, terminated with 75
Ω (CVBS) and
1 k
Ω (SSIF/audio). Operation mode set via easy programming (Section 9.3.1), otherwise stated. Low IF input signal at -3dB
full scale, input frequencies as defined under row header IF input.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8296HN
HVQFN40
plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
× 6 × 0.85 mm
SOT618-1


유사한 부품 번호 - TDA8296HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295C2 NXP-TDA8295C2 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295HN NXP-TDA8295HN Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
More results

유사한 설명 - TDA8296HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com