전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8295C2 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA8295C2
상세설명  Digital global standard low IF demodulator for analog TV and FM radio
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295C2 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA8295C2 Datasheet HTML 7Page - NXP Semiconductors TDA8295C2 Datasheet HTML 8Page - NXP Semiconductors TDA8295C2 Datasheet HTML 9Page - NXP Semiconductors TDA8295C2 Datasheet HTML 10Page - NXP Semiconductors TDA8295C2 Datasheet HTML 11Page - NXP Semiconductors TDA8295C2 Datasheet HTML 12Page - NXP Semiconductors TDA8295C2 Datasheet HTML 13Page - NXP Semiconductors TDA8295C2 Datasheet HTML 14Page - NXP Semiconductors TDA8295C2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
TDA8295_C2_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 November 2009
11 of 83
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
A video leveling stage follows, which brings the output within the SCART specification
(
±3 dB overall), despite heavy overmodulation. The response time is made very slow.
Finally, a video equalizer allows to compensate the perhaps non-flat frequency response
from the tuner or to change the overall video response according to customer wish (i.e.
peaking or early roll-off).
8.5 Upsampler and video DAC
The filtered and compensated CVBS signal is connected to the oversampled 10-bit video
DAC (fs = 108 MHz) via an interpolation stage. The strong oversampling replaces a
former complicated LCR postfiltering by a simple first-order RC low-pass filter to remove
the DAC image frequencies sufficiently. This holds also for the sound DAC, described in
Section 8.6.
8.6 SSIF/mono sound processing
The complex signal is routed via a band-pass and interpolation filter to the 10-bit sound
DAC for the recovery of the second sound carriers (SSIF). A very sharp band-pass filter at
5.5 MHz is added in the FM Radio mode to remove neighbor channels. This also eases
the dynamic burden on the following ADC in the demodulator/decoder chip. The
afore-mentioned high-selectivity band-pass, which replaces the former ceramic filter, is
located behind a frequency shifter. In there, the incoming wanted FM radio channel from
the Silicon Tuner is changed from 1.25 MHz to 5.5 MHz.
Moreover, the complex signal is demodulated in a linear CORDIC detector and low-pass
filtered to attenuate the video spectrum and the second sound carrier, respectively other
disturbers above the intercarrier. The output of the linear CORDIC (phase information) is
differentiated for getting the demodulated FM audio. The AM demodulation is executed in
a synchronous fashion by using a narrow-band PLL demodulator.
A de-emphasis filter is implemented for FM standards, before the audio is interpolated to
108 MHz as in the CVBS case.
The mono audio is made available in the sound DAC via an I2C-bus controlled selector in
case the intercarrier path is not used for driving an external stereo demodulator.
However, if the mono audio output has to meet the SCART specification, an external
cheap operational amplifier with 12 dB gain becomes necessary, because the low supply
voltage for the TDA8295 doesn’t allow such high levels like 2 V (RMS) maximum.
8.7 Tuner IF AGC
This AGC controls the tuner IF AGC amplifier in the TDA8275A or TDA1827x in such a
way, that the IF ADC is always running with a permanent headroom of 3 dB for the sum of
all signals present at the ADC input. This ensures an always optimal exploitation of the
dynamic range in the IF ADC.
The detection is done in peak Search mode during a field period. The attack time is made
much faster than the decay time in order to avoid transient clipping effects in the IF ADC.
This can happen during channel change or airplane flutter conditions.


유사한 부품 번호 - TDA8295C2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
More results

유사한 설명 - TDA8295C2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com