전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPAB20BH60B 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FPAB20BH60B
상세설명  Smart Power Module(SPM짰) for Front-End Rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAB20BH60B 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FPAB20BH60B Datasheet HTML 1Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 2Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 3Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 4Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 5Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 6Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 7Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 8Page - Fairchild Semiconductor FPAB20BH60B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2010 Fairchild Semiconductor Corporation
Pin Descriptions
* 11th and 12th pins are cut. Please refer to package outline drawings for more detail.
Internal Equivalent Circuit and Input/Output Pins
Fig. 3.
Package Marking & Ordering Information
Pin Number
Pin Name
Pin Description
1
VCC
Common Bias Voltage for IC and IGBT Driving
2,3,4
COM
Common Supply Ground
5
IN
Signal Input for IGBT
6
VFO
Fault Output
7
CFOD
Capacitor for Fault Output Duration Time Selection
8
CSC
Capacitor (Low-pass Filter) for Over Current Detection
9
R(TH)
NTC Thermistor terminal
10
V(TH)
NTC Thermistor terminal
11,12
N.C
No Connection*
13~16
N
IGBT emitter
17~20
NR
Negative DC-Link of Rectifier
21,22
P
Positive Rail of DC–Link
23
N.C
No Connection
24
L
Reactor connection pin
25
PR
Positive DC–Link of Rectifier
26
R
AC input for R-phase
27
S
AC input for S-phase
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FPAB20BH60B
FPAB20BH60B
SPM27-IC
-
-
10
CSC
CFOD
VFO
IN
COM
VCC
OUT
(21,22) P
(24) L
(25) PR
NTC
Thermistor
(26) R
(27) S
(5) IN
(2~4) COM
(1) VCC
(6) VFO
(7) CFOD
(8) CSC
(10) VTH
(9) RTH
(13~16) N
(17~20) NR


유사한 부품 번호 - FPAB20BH60B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPAB20BH60B ONSEMI-FPAB20BH60B Datasheet
576Kb / 13P
   PFC SPM 3 Series for Single-Phase Boost PFC
December 2013 Rev. C4
More results

유사한 설명 - FPAB20BH60B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPAB30BH60B FAIRCHILD-FPAB30BH60B Datasheet
582Kb / 12P
   Smart Power Module(SPM짰) for Front-End Rectifier
FPAB30BH60 FAIRCHILD-FPAB30BH60 Datasheet
276Kb / 12P
   Smart Power Module(SPM짰) for Front-End Rectifier
FPAB30BH60_0712 FAIRCHILD-FPAB30BH60_0712 Datasheet
394Kb / 12P
   Smart Power Module(SPM짰) for Front-End Rectifier
FPDB30PH60 FAIRCHILD-FPDB30PH60 Datasheet
225Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB50PH60 FAIRCHILD-FPDB50PH60 Datasheet
225Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB20PH60 FAIRCHILD-FPDB20PH60 Datasheet
228Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB40PH60B FAIRCHILD-FPDB40PH60B Datasheet
245Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB60PH60B FAIRCHILD-FPDB60PH60B Datasheet
245Kb / 12P
   Smart Power Module for Front-End Rectifier
FPAB30PH60 FAIRCHILD-FPAB30PH60 Datasheet
224Kb / 12P
   Smart Power Module for Front-End Rectifier General Description
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com