전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA79M12 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 KA79M12
상세설명  3-Terminal 0.5A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M12 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button KA79M12 Datasheet HTML 3Page - Fairchild Semiconductor KA79M12 Datasheet HTML 4Page - Fairchild Semiconductor KA79M12 Datasheet HTML 5Page - Fairchild Semiconductor KA79M12 Datasheet HTML 6Page - Fairchild Semiconductor KA79M12 Datasheet HTML 7Page - Fairchild Semiconductor KA79M12 Datasheet HTML 8Page - Fairchild Semiconductor KA79M12 Datasheet HTML 9Page - Fairchild Semiconductor KA79M12 Datasheet HTML 10Page - Fairchild Semiconductor KA79M12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
KA79MXX
7
Electrical Characteristics (KA79M18) (Continued)
(Refer to test circuit, 0
°C ≤ TJ ≤ +125°C, lO =350mA, VI = -27V,unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
-17.3
-18
-18.7
V
IO = 5mA to 350mA
VI = -21V to -33V
-17.1
-18
-18.9
Line Regulation (Note1)
ΔVO
TJ =+25°C
VI = -21V to -33V
-
9.0
80
mV
VI = -24V to -30V
-
5.0
80
Load Regulation (Note1)
ΔVO
TJ = +25°CIO = 5.0mA to 500mA
-
30
360
mV
Quiescent Current
IQ
TJ = +25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 350mA
-
-
0.4
mA
VI = -21V to -33V
-
-
0.4
Output Voltage Drift
ΔVO/ΔTIO = 5mA
-
-1.0
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA = +25°C-
110
-
μV
Ripple Rejection
RR
f = 120Hz,VI = -22V to -32V
54
59
-
dB
Dropout Voltage
VD
IO = 500mA, TJ = +25°C-
1.1
-
V
Short Circuit Current
ISC
VI = -35V, TJ = +25°C-
140
-
mA
Peak Current
IPK
TJ = +25°C-
650
-
mA


유사한 부품 번호 - KA79M12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA79M12 FAIRCHILD-KA79M12 Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12R FAIRCHILD-KA79M12R Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12RTF FAIRCHILD-KA79M12RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12RTM FAIRCHILD-KA79M12RTM Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
More results

유사한 설명 - KA79M12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com